Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

333MSR102K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 333MSR102K
Description  Small size ??Self Healing ??Low Cost
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

333MSR102K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  333MSR102K Datasheet HTML 1Page - Illinois Capacitor, Inc. 333MSR102K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size Self Healing Low Cost
APPLICATIONS
General Purpose Bypass Coupling Blocking
Operating Temperature Range
-40°C to +125°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
WVDC
100
250
400
630
1000
VAC
63
160
200
220
250
Peak, AC voltage (50/60 Hz)
For T>+85°C , The voltage must be decreased by 1.25% per °C
Frequency (kHz)
Dissipation Factor
1
1.0%
Dissipation Factor (MAX)
25°C
10
1.5%
WVDC
Capacitance
Insulation Resistance
<100
<0.33μF
15000 MΩ
>100
>0.33μF
30000 MΩxμF
<100
<0.33μF
5000 MΩxμF
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
>100
>0.33μF
10000 MΩxμF
2000 Hours, +85C with 125% of rated voltage
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C
Load Life
Insulation Resistance
>50% of maximum specified value
1000 Hours, 93%RH(+/-2%), +40°C and no voltage applied
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C
Damp Heat test
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of body length and lead length
Capacitance Drift Factor
<1.0% after 2 years at 40°C
Capacitance Temperature
Coefficient
+400 ppm/°C, +200ppm/°C
Terminal to Terminal
Dielectric Strength
160% of VDC applied for 2 Seconds and 25°C
Dielectric
Polyester
Construction
Metallized film
Coating
Flame Retardant epoxy resin (UL94V0)
Leads
Lead free tinned copper leads
L MAX
10.5
12
18.5
26
31
S+1.0
7.5
10
15
22.5
27.5
G MAX
1.5
1.5
1.5
1.5
1.5
d +0.05
0.6
0.6
0.8
0.8
0.8


Similar Part No. - 333MSR102K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
333MSR102K ILLINOISCAPACITOR-333MSR102K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
333MSR102K ILLINOISCAPACITOR-333MSR102K Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
More results

Similar Description - 333MSR102K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MTB ILLINOISCAPACITOR-MTB Datasheet
278Kb / 3P
   Self Healing ??Small Size ??Low ESR
logo
Kemet Corporation
C4A KEMET-C4A Datasheet
287Kb / 3P
   Self-Healing
logo
World Produts Inc.
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
   Self-healing properties
PCMP372 WPI-PCMP372 Datasheet
225Kb / 8P
   Self-healing properties
logo
Panasonic Semiconductor
ECQE6822F PANASONIC-ECQE6822F Datasheet
173Kb / 9P
   Self-healing property
ECQ-E2106KF PANASONIC-ECQ-E2106KF Datasheet
173Kb / 9P
   Self-healing property
logo
Illinois Capacitor, Inc...
107SML063M ILLINOISCAPACITOR-107SML063M Datasheet
306Kb / 3P
   Small Size ??Low Cost
107SML016M ILLINOISCAPACITOR-107SML016M Datasheet
306Kb / 3P
   Small Size ??Low Cost
SML ILLINOISCAPACITOR-SML Datasheet
239Kb / 3P
   Small size ??Low cost
logo
MRV Communications, Inc...
EM316OSSH MRV-EM316OSSH Datasheet
396Kb / 3P
   Optical Self-Healing Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com