Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPS Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # NPS
Description  Small size ??Non/Bi-polar
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

NPS Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  NPS Datasheet HTML 1Page - Illinois Capacitor, Inc. NPS Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPS
+85°C, Bi-Polar 1000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
0.1
50
104NPS050M
2321.01
1
4x5.4
0.22
50
224NPS050M
1055
2.3
4x5.4
0.33
50
334NPS050M
703.34
3.5
4x5.4
0.47
50
474NPS050M
493.83
5
4x5.4
1
50
105NPS050M
232.1
10
4x5.4
2.2
50
225NPS050M
105.5
15
5x5.4
2.2
35
225NPS035M
105.5
8.4
4x5.4
3.3
50
335NPS050M
70.33
18
5x5.4
4.7
50
475NPS050M
49.38
23
6.3x5.4
4.7
35
475NPS035M
49.38
23
5x5.4
4.7
16
475NPS016M
63.49
12
4x5.4
10
35
106NPS035M
23.21
30
6.3x5.4
10
10
106NPS010M
33.157
17
4x5.4
10
16
106NPS016M
29.842
25
5x5.4
22
16
226NPS016M
13.564
39
6.3x5.4
22
6.3
226NPS6R3M
18.086
31
5x5.4
33
16
336NPS016M
9.043
57
6.3x5.4
47
6.3
476NPS6R3M
8.466
47
6.3x5.4


Similar Part No. - NPS

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
NPS MERITEK-NPS Datasheet
276Kb / 2P
   Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
NPS PANASONIC-NPS Datasheet
362Kb / 6P
   ON/OFF Input Sensor Controller
logo
Neutrik AG
NPS-30W NEUTRIK-NPS-30W Datasheet
353Kb / 3P
   NPS-30W is Neutriks answer to increasing demand for PoE injectors.
logo
Panasonic Semiconductor
NPS-C7 PANASONIC-NPS-C7 Datasheet
362Kb / 6P
   ON/OFF Input Sensor Controller
NPS-C7W PANASONIC-NPS-C7W Datasheet
362Kb / 6P
   ON/OFF Input Sensor Controller
More results

Similar Description - NPS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
BPS ILLINOISCAPACITOR-BPS Datasheet
225Kb / 2P
   Small size ??Non/ Bi- Polar
BPA ILLINOISCAPACITOR-BPA Datasheet
212Kb / 2P
   Small size ??Non/ Bi-Polar
474BPA050M ILLINOISCAPACITOR-474BPA050M_16 Datasheet
218Kb / 2P
   Bi-Polar/ non-polar 2000 hrs
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
475PBM050M ILLINOISCAPACITOR-475PBM050M Datasheet
127Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
685PBM035M ILLINOISCAPACITOR-685PBM035M Datasheet
127Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
106BPS050M ILLINOISCAPACITOR-106BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
336BPS050M ILLINOISCAPACITOR-336BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
336BPS063M ILLINOISCAPACITOR-336BPS063M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com