Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAR Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # MAR
Description  Small size ??Good dvdt ??Medium current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

MAR Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  MAR Datasheet HTML 1Page - Illinois Capacitor, Inc. MAR Datasheet HTML 2Page - Illinois Capacitor, Inc. MAR Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MAR
Axial lead
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current (A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims DxL
(mm)
0.22
800
224MARA01KG
120
2
29
11x29
0.33
700
334MARA06KG
105
2.5
25
11.5x29
0.33
800
334MARA01KG
120
2.5
23.5
11.5x29
0.47
600
474MARA02KG
90
2.5
24
11x29
0.47
700
474MARA06KG
105
3
20.5
13x29
0.47
800
474MARA01KG
120
3.5
19
14.5x29
0.47
800
474MARA01KJ
100
3
22.5
12.5x34
0.68
500
684MARA03KG
60
2.5
25
11x29
0.68
600
684MARA02KG
90
3
19.5
13x29
0.68
600
684MARA02KJ
70
3
21.5
12x34
0.68
700
684MARA06KG
105
4
16.8
15x29
0.68
700
684MARA06KJ
85
3.5
18.8
13.5x34
0.68
800
684MARA01KG
120
4
15.8
16.5x29
0.68
800
684MARA01KJ
100
4
18
14x34
1
370
105MARA04KG
50
2.5
23
11x29
1
500
105MARA03KG
60
3
20
12.5x29
1
500
105MARA03KJ
45
2.5
22.5
11.5x34
1
600
105MARA02KG
90
4
15.5
15x29
1
600
105MARA02KJ
70
3.5
17.5
13x34
1
700
105MARA06KJ
85
4.5
15.4
15.5x34
1
800
105MARA01KJ
100
5
14.8
17.5x34
1.2
800
125MARA01KJ
100
5.5
13.4
19x34
1.5
370
155MARA04KG
50
3
18.5
13x29
1.5
500
155MARA03KG
60
4
16
15x29
1.5
500
155MARA03KJ
50
3.5
18.2
13.5x34
1.5
600
155MARA02KG
90
5
12.3
17.5x29
1.5
600
155MARA02KJ
70
4.5
14
15.5x34
1.5
700
155MARA06KJ
85
5.5
12.5
18.5x34
1.5
800
155MARA01KJ
100
6
11.5
20x34
2
370
205MARA04KG
50
4
15.5
15x29
2
370
205MARA04KJ
40
3.5
17.5
12.5x34
2
500
205MARA03KJ
50
4
15.1
15x34
2
500
205MARA03KG
60
4.5
13.7
16.5x29
2
600
205MARA02KJ
70
5.5
11.9
17.5x34
2
700
205MARA06KJ
85
6.5
10.6
21x34
2
700
205MARA06KN
60
6
12.5
18x46
2
800
205MARA01KJ
100
7.5
9.8
23.5x34
2
800
205MARA01KN
65
7
11.5
20x46
2.2
370
225MARA04KG
50
4
14.5
15x29
2.2
370
225MARA04KJ
40
3.5
16.5
13x34
2.2
500
225MARA03KG
60
5
13
17.5x29
2.2
500
225MARA03KJ
50
4.5
14.2
15.5x34
2.2
600
225MARA02KJ
70
6
11.3
18.5x34
2.2
700
225MARA06KJ
85
7
10.1
22x34
2.2
700
225MARA06KN
60
6.5
11.9
19x46
2.2
800
225MARA01KJ
100
7.5
9.3
24.5x34
2.2
800
225MARA01KN
65
7.5
10.7
21x46
2.5
370
255MARA04KG
50
4.5
13.4
16x29
2.5
370
255MARA04KJ
40
4
15.2
14x34
2.5
500
255MARA03KJ
50
5
13.2
17x34
2.5
600
255MARA02KJ
70
6
10.5
19x34
2.5
700
255MARA06KJ
85
7.5
9.4
23x34
2.5
700
255MARA06KN
60
7
11.1
20x46
2.5
800
255MARA01KN
65
8
10
22x46
3
370
305MARA04KG
50
5
12.2
17x29
3
370
305MARA04KJ
40
4.5
13.7
15x34
3
500
305MARA03KJ
50
5.5
11.9
18.5x34
3
600
305MARA02KJ
70
7
9.4
21x34
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current (A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims DxL
(mm)
3
700
305MARA06KN
60
7.5
10.1
21.5x46
3
800
305MARA01KN
65
9
9
24x46
3.3
370
335MARA04KJ
40
4.5
13
15.5x34
3.3
500
335MARA03KJ
50
6
11.3
19x34
3.3
600
335MARA02KJ
70
7.5
8.9
22x34
3.3
600
335MARA02KN
50
7
10.1
19x46
3.3
700
335MARA06KN
60
8
9.6
22.5x46
3.3
800
335MARA01KN
65
9.5
8.5
25x46
4
370
405MARA04KJ
40
5.5
11.7
17x34
4
500
405MARA03KJ
50
7
10.2
21x34
4
500
405MARA03KN
35
6
12.3
17.5x46
4
600
405MARA02KJ
70
8.5
7.9
24x32
4
600
405MARA02KN
50
8
9.1
20.5x46
4
700
405MARA06KN
60
9
8.7
24.5x46
4
800
405MARA01KN
65
10.5
7.5
27x46
4
800
405MARA01KR
50
10
8.8
24x55
4
800
405MARA01KS
40
9.5
9.7
22.5x59
4.7
370
475MARA04KJ
40
6
10.7
18x34
4.7
500
475MARA03KJ
50
7.5
9.4
22.5x34
4.7
500
475MARA03KN
35
7
11.1
19x46
4.7
600
475MARA02KN
50
9
7.7
22x46
4.7
700
475MARA06KN
60
10.5
7.8
26.5x46
4.7
800
475MARA01KN
65
12
6.6
29x46
4.7
800
475MARA01KR
50
11
7.7
26.5x55
4.7
800
475MARA01KS
40
10.5
8.6
24.5x59
5
370
505MARA04KJ
40
6
10.2
18.5x34
5
500
505MARA03KJ
50
7.5
9.1
23x34
5
500
505MARA03KN
35
7
10.5
19.5x46
5
600
505MARA02KN
50
9
7.5
22.5x46
5
700
505MARA06KN
60
10.5
7.3
27x46
5
700
505MARA06KR
45
9.5
8.6
23.5x55
5
700
505MARA06KS
35
9.5
9.5
22.5x59
5
800
505MARA01KN
65
12.5
6.3
29.5x46
5
800
505MARA01KR
50
11.5
7.4
27x55
5
800
505MARA01KS
40
11
8.3
25x59
6.8
370
685MARA04KJ
40
7.5
8.5
21x34
6.8
500
685MARA03KN
35
8.5
8.7
22x46
6.8
600
685MARA02KN
50
11
6.4
26x46
6.8
700
685MARA06KN
60
12.5
6.3
30.5x46
6.8
700
685MARA06KR
45
11.5
7.4
27x55
6.8
700
685MARA06KS
35
11
8.2
25.5x59
6.8
800
685MARA01KR
50
13
6.5
30x55
6.8
800
685MARA01KS
40
12.5
7.3
28.5x59
10
370
106MARA04KJ
40
10
6
24x32
10
370
106MARA04KN
25
9.5
7
21.5x46
10
500
106MARA03KN
35
11
6.7
26x46
10
500
106MARA03KR
25
10.5
7.4
23.5x55
10
600
106MARA02KN
50
13.5
5.4
31x46
10
600
106MARA02KR
35
13.5
6.3
27x55
10
600
106MARA02KS
25
11.5
7.1
26x59
10
700
106MARA06KR
45
14
6.1
32x55
10
700
106MARA06KS
35
13.5
6.8
30x59
10
800
106MARA01KR
50
14
5.4
35x55
10
800
106MARA01KS
40
14
6.1
33.5x59
12
500
126MARA03KN
35
12
6.1
28x46
12
500
126MARA03KR
25
11.5
6.7
25x55
12
600
126MARA02KR
35
14
5.7
29.5x55
12
600
126MARA02KS
25
13
6.5
29x59


Similar Part No. - MAR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MAR TTELEC-MAR Datasheet
410Kb / 2P
   very low tcrs
logo
Mini-Circuits
MAR-1 MINI-MAR-1 Datasheet
239Kb / 4P
   Monolithic Amplifier
MAR-1SM MINI-MAR-1SM Datasheet
209Kb / 1P
   MONOLITHIC AMPLIFIERS 50 Ohm
MAR-2SM MINI-MAR-2SM Datasheet
209Kb / 1P
   MONOLITHIC AMPLIFIERS 50 Ohm
MAR-3 MINI-MAR-3 Datasheet
239Kb / 4P
   Monolithic Amplifier DC-2 GHz
More results

Similar Description - MAR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MAB ILLINOISCAPACITOR-MAB Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
PPA ILLINOISCAPACITOR-PPA Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
PPS ILLINOISCAPACITOR-PPS Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
MPR ILLINOISCAPACITOR-MPR Datasheet
202Kb / 2P
   Small size ??Low ESR ??Good Pulse Capabilities ??Stable
logo
Ningbo songle relay co....
SQ6 SONGLERELAY-SQ6 Datasheet
3Mb / 2P
   Small size, high contact current
logo
Laird Tech Smart Techno...
CMX1211 LSTD-CMX1211 Datasheet
3Mb / 2P
   Small size with high current
logo
Illinois Capacitor, Inc...
PMC ILLINOISCAPACITOR-PMC Datasheet
549Kb / 4P
   High current ??High dvdt ??multiple lug styles
logo
Panasonic Battery Group
TX-TH PANASONICBATTERY-TX-TH Datasheet
62Kb / 4P
   Small size, controlled 7.5A inrush current possible
logo
RF Monolithics, Inc
SF2190B RFM-SF2190B Datasheet
626Kb / 5P
   Small Size
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com