Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

338CKS6R3M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 338CKS6R3M
Description  Small size - High voltage - General purpose
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

338CKS6R3M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  338CKS6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 338CKS6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc. 338CKS6R3M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Small size - High voltage - General purpose
APPLICATIONS
Bypass Coupling Filtering De-coupling
Operating
Temperature Range
-40°C to +85°C (6.3 to 100 WVDC)
-25°C to +85°C (160 to 500 WVDC)
Capacitance
Tolerance
+20% at 120 Hz, 20°C
Surge
Voltage
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
500
SVDC
7.9
13
20
32
44
63
79
125
200
250
300
400
450
500
550
Dissipation
Factor
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
500
Tan δ
.24
.2
.16
.14
.12
.1
.1
.1
.2
.2
.2
.24
.24
.24
.24
Add .02 for every 1000uF above 1000uF
Leakage Current
6.3 to 100 WVDC
160 to 500 WVDC
2 Minutes
2 Minutes
.01CV or 3uA,
Whichever is greater
.03CV+10uA
Low
Temperature
Stability
Impedance
Ratio
(120 Hz)
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
500
-25°C to +20°C
5
4
3
2
2
2
2
2
3
3
4
6
7
7
8
-40°C to +20°C
10
8
6
5
3
3
3
3
-
-
-
-
-
-
-
Load Life
2000 hours at 85°C with rated WVDC applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance Change
<20% initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current
Multipliers
WVDC
Capacitance
(uF)
Frequency (Hz)
Temperature (°C)
50
120
300
1k
10k
100k
85
70
65
60
45
6.3 to
100V
47
0.75
1.0
1.35
1.57
2
2.3
1.0
1.4
1.6
1.7
1.8
100 to 470
0.8
1.0
1.23
1.34
1.5
1.65
1.0
1.4
1.6
1.7
1.8
>560
0.85
1.0
1.1
1.13
1.15
1.4
1.0
1.4
1.6
1.7
1.8
350 to
450V
.47 to 4.7
0.65
1.0
1.35
1.75
2.3
2.5
1.0
1.4
1.6
1.7
1.8
6.8 to 82
0.75
1.0
1.25
1.5
1.75
1.8
1.0
1.4
1.6
1.7
1.8
100 to 1000
0.8
1.0
1.15
1.5
1.4
1.5
1.0
1.4
1.6
1.7
1.8
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.5
0.6
0.6
0.8
0.8
L1=L+1.5mm Max.
mm
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 338CKS6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
338CKS6R3M ILLINOISCAPACITOR-338CKS6R3M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
338CKS6R3M ETC2-338CKS6R3M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
338CKS6R3M ILLINOISCAPACITOR-338CKS6R3M Datasheet
293Kb / 3P
   Standard 2000 hour
338CKS6R3M ILLINOISCAPACITOR-338CKS6R3M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
338CKS6R3M ILLINOISCAPACITOR-338CKS6R3M Datasheet
133Kb / 1P
   Radial Lead General Purpose
More results

Similar Description - 338CKS6R3M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
108CKS050M ILLINOISCAPACITOR-108CKS050M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKS200M ILLINOISCAPACITOR-106CKS200M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
HSM ILLINOISCAPACITOR-HSM Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
105HSM050M ILLINOISCAPACITOR-105HSM050M_16 Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
DCB ILLINOISCAPACITOR-DCB Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com