Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ22A Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SMAJ22A
Description  TRANSIENT VOLTAGE SUPPRESSOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SMAJ22A Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

  SMAJ22A Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SMAJ22A Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SMAJ22A Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD SMAJ22A Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD SMAJ22A Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD SMAJ22A Datasheet HTML 6Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Date:2014/10/20
http://www.dgniuhang.com
TRANSIENT VOLTAGE SUPPRESSOR DIODES
Page: 1 of 6
Rev.:AA
DO-214AC(SMA)
VOLTAGE
Unit:(mm)
FEATURES
DESCRIPTION
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
0.181(4.60)
0.157(4.00)
0.060(1.52)
0.030(0.76)
0.008(0.203)
0.002(0.051)
0.208(5.28)
0.188(4.80)
0 012(0 305)
0 006(0.152)
SMAJ5.0A/CA THRU SMAJ300A/CA
• Fast response time
• Low incremental surge resistance
• Matte tin lead–free Plated
• RoHS compliant
• Typical IR less than 1µA above 12V
• Compatible with industrial standard package DO-214AC
• For surface mounted applications to optimize board space
• ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2)
• EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4)
• 400W peak pulsepower capability at 10/1000μs waveform,repetition rate
(duty cycle): 0.01%
• High temperature soldering : 260°C/ 40 seconds at terminals
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation at TA=25ºC by 10/1000µs
Waveform (Fig.2)(Note 1), (Note 2)
P
PPM
400
Watts
Power Dissipation on Infinite Heat Sink at TA=50°C
P
D
3.3
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
(Note 3)
IFSM
40
Amps
Maximum Instantaneous Forward Voltage at 25A for
Unidirectional Only (Note 4)
V
F
3.5/6.5
V
Operating junction and Storage Temperature Range.
T
J,TSTG
-55°C to 150°C
°C
Typical Thermal Resistance Junction to Lead
R
uJL
30
°C/W
Typical Thermal Resistance Junction to Ambient
R
uJA
120
°C/W
Notes:
1. Non-repetitive current pulse, per Fig.4 and derated above TA=25ºC per Fig. 3.
2. Mounted on 5.0x5.0mm copper pad to each terminal.
3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional device only.
4. VF< 3.5V for VBR ≤ 200V and VF< 6.5V for VBR ≥ 201V
The SMAJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning
and other transient voltage events.
UNI
BI
UNI
BI
Anode
Cathode
5 THRU 300 Volt
POWER DISSIPATION
400Watts


Similar Part No. - SMAJ22A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ22A JGD-SMAJ22A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMAJ22A SAMYANG-SMAJ22A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ22A SOCAY-SMAJ22A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ22A LITTELFUSE-SMAJ22A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Jiangsu High diode Semi...
SMAJ22A HDSEMI-SMAJ22A Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
More results

Similar Description - SMAJ22A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com