Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSH-RB1X6SHGEED5A0Z Datasheet(PDF) 4 Page - SICK AG

Part # PBSH-RB1X6SHGEED5A0Z
Description  PRESSURE SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PBSH-RB1X6SHGEED5A0Z Datasheet(HTML) 4 Page - SICK AG

  PBSH-RB1X6SHGEED5A0Z Datasheet HTML 1Page - SICK AG PBSH-RB1X6SHGEED5A0Z Datasheet HTML 2Page - SICK AG PBSH-RB1X6SHGEED5A0Z Datasheet HTML 3Page - SICK AG PBSH-RB1X6SHGEED5A0Z Datasheet HTML 4Page - SICK AG PBSH-RB1X6SHGEED5A0Z Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PBSH-RB1X6SHGEED5A0Z | PBS Hygienic
PRESSURE SENSORS
Dimensional drawing (Dimensions in mm (inch))
G 1 hygienic
G 1 B
41,5
36
38
1.49)
29.5
(1.16)
(
0.62)
35
1.37)
16
(1.26)
(
1.63)
(
Connection type
Round connector M12 x 1, 5-pin
1
2
3
4
5
①  L+: Positive supply connection
②  Q2: Switching output 2
③  M: Negative supply connection
④  C/Q1: Switching output 1 (with IO-Link: communication / switching output 1)
⑤  QA: Analog output
Recommended accessories
Other models and accessories
www.sick.com/PBS_Hygienic
Brief description
Type
Part no.
Flanges
Weld-in flange/connector for process connection G 1 hygienic flush-mounted, stainless
steel 316L
BEF-FL-316G10-
BHYG
5322453
4
FLUID SENSORS | SICK
Online data sheet | 2016-07-27 14:33:08
Subject to change without notice


Similar Part No. - PBSH-RB1X6SHGEED5A0Z

ManufacturerPart #DatasheetDescription
logo
SICK AG
PBSH-RB1X6SHGEEBMA0Z SICK-PBSH-RB1X6SHGEEBMA0Z Datasheet
612Kb / 5P
   PRESSURE SENSORS
PBSH-RB1X6SHGEENMA0Z SICK-PBSH-RB1X6SHGEENMA0Z Datasheet
734Kb / 6P
   PRESSURE SENSORS
More results

Similar Description - PBSH-RB1X6SHGEED5A0Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com