Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR530 Datasheet(PDF) 3 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SR530
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SR530 Datasheet(HTML) 3 Page - Dongguan City Niuhang Electronics Co.LTD

  SR530 Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SR530 Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SR530 Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page: 3 of 3
Date:2014/10/20
Rev.:AA
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
http://www.niuhang.com
ORDER INFORMATION
• Packing information
T/R - 1.25K per BOX
SCHOTTKY BARRIER RECTIFIER
SR520 THRU SR5200


Similar Part No. - SR530

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SR530 PACELEADER-SR530 Datasheet
657Kb / 2P
   5.0AMP SCHOTTKY BARRIER RECTIFIERS- 20~200Volts
logo
Won-Top Electronics
SR530 WTE-SR530 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SR530 CHENG-YI-SR530 Datasheet
110Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR530 FORMOSA-SR530 Datasheet
128Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
logo
Shenzhen Yixinwei Techn...
SR530 YIXIN-SR530 Datasheet
128Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR530

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com