Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF9.0A Datasheet(PDF) 3 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SMF9.0A
Description  TRANSIENT VOLTAGE SUPPRESSOR DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SMF9.0A Datasheet(HTML) 3 Page - Dongguan City Niuhang Electronics Co.LTD

  SMF9.0A Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SMF9.0A Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SMF9.0A Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD SMF9.0A Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Production
Data Sheet
Page: 3 of 4
Date:2014/10/20
Rev.:AA
RATINGANDCHARACTERISTICCURVES
(TA=25°C(UNLESS OTHERWISE NOTED)
SMF5.0 THRU SMF220A
TRANSIENT VOLTAGE SUPPRESSOR DIODES
Niu Hang
Electronic Co. Ltd
http://www.dgniuhang.com


Similar Part No. - SMF9.0A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF9.0A LUGUANG-SMF9.0A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
logo
Vishay Siliconix
SMF9.0A VISHAY-SMF9.0A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
Shanghai Leiditech Elec...
SMF9.0A LEIDITECH-SMF9.0A Datasheet
1Mb / 5P
   200W Transient Voltage Suppressor
01.06.2018
logo
Shenzhen Luguang Electr...
SMF9.0A LUGUANG-SMF9.0A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
DONGGUAN YOU FENG WEI E...
SMF9.0A YFWDIODE-SMF9.0A Datasheet
88Kb / 4P
   Surface mounttransient voltage suppressor power 400 watts
More results

Similar Description - SMF9.0A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com