Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

338FXM016M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 338FXM016M
Description  Low Profile - High Voltage - General Purpose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

338FXM016M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  338FXM016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 338FXM016M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low Profile - High Voltage - General Purpose
APPLICATIONS
Bypass Coupling Filter De-coupling
Operating Temperature
Range
-55°C to +105°C (6.3 to 100 WVDC)
-40°C to +105°C (160 to 400 WVDC)
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge
Voltage
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
400
SVDC
7.9
13
20
32
44
63
79
125
200
250
300
450
Dissipation
Factor
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
400
Tan δ
.28
.24
.2
.16
.14
.12
.1
.08
.15
.15
.15
.1
Add .02 for every 1000uF above 1000uF
Leakage Current
6.3 to 100 WVDC
160 to 400 WVDC
1 Minutes
2 Minutes
2 Minutes
.03CV or 4uA,
Whichever is greater
.01CV or 3uA,
Whichever is greater
.04CV+100uA
Low
Temperature
Stability
Impedance
Ratio
(120 Hz)
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
400
-25°C to +20°C
5
4
3
2
2
2
2
2
4
4
4
4
-40°C to +20°C
10
8
6
4
3
3
3
3
15
15
15
10
Load Life
1000 hours at 105°C with rated WVDC and ripple current applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
Leakage Current
<100% of maximum specified value
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance Change
<20% initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current Multipliers
WVDC
Capacitance
(uF)
Frequency (Hz)
Temperature (°C)
50
120
300
1k
10k
+85
+70
+60
6.3 to 100V
C<47
.85
1.0
1.35
1.10
1.20
1.0
1.4
1.75
6.3 to 100V
47<C<470
.8
1.0
1.23
1.15
1.25
1.0
1.4
1.75
6.3 to 100V
C>470
.75
1.0
1.1
1.25
1.40
1.0
1.4
1.75
160 to 400V
all
.7
1.0
1.25
1.30
1.80
1.0
1.4
1.75
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
L1=L+1.5mm Max.
mm
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 338FXM016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
338FXM016M ILLINOISCAPACITOR-338FXM016M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
338FXM016M ILLINOISCAPACITOR-338FXM016M Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
338FXM016M ILLINOISCAPACITOR-338FXM016M Datasheet
133Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 338FXM016M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
42Kb / 4P
   HIGH VOLTAGE GENERAL PURPOSE
October 1988
logo
New Jersey Semi-Conduct...
2N720A NJSEMI-2N720A Datasheet
123Kb / 2P
   HIGH VOLTAGE GENERAL PURPOSE
2N4030 NJSEMI-2N4030 Datasheet
480Kb / 2P
   GENERAL PURPOSE HIGH-VOLTAGE
logo
Texas Instruments
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
   General-purpose low voltage comparators
logo
Texas Instruments
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
Diodes Incorporated
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Texas Instruments
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com