Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK26 Datasheet(PDF) 3 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SK26
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SK26 Datasheet(HTML) 3 Page - Dongguan City Niuhang Electronics Co.LTD

  SK26 Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SK26 Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SK26 Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page: 3 of 3
Date:2014/10/20
Rev.:AA
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
http://www.niuhang.com
MOUNTING PAD LAYOUT
Unit
:inch(mm)
ORDER INFORMATION
SMA(DO-214AC)
• Packing information
T/R - 5K per 13" plastic Reel
T/R - 3K per 7" plastic Reel
SK22 THRU SK220
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER


Similar Part No. - SK26

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK26 MCC-SK26 Datasheet
284Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Pan Jit International I...
SK26 PANJIT-SK26 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
SHIKUES Electronics
SK26 SKTECHNOLGY-SK26 Datasheet
713Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
DAESAN ELECTRONIC CORP.
SK26 DAESAN-SK26 Datasheet
261Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
logo
Nanjing International G...
SK26 DGNJDZ-SK26 Datasheet
131Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK26

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com