Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

337FXM010M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 337FXM010M
Description  Low Profile - High Voltage - General Purpose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337FXM010M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  337FXM010M Datasheet HTML 1Page - Illinois Capacitor, Inc. 337FXM010M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FXM
+105°C, Low profile 1000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
0.1
50
104FXM050M
1989.4
1
5x9
0.1
100
104FXM100M
1326.29
2
5x9
0.22
50
224FXM050M
904.289
2
5x9
0.22
100
224FXM100M
602.86
4
5x9
0.33
50
334FXM050M
602.86
3
5x9
0.33
100
334FXM100M
401.906
7
5x9
0.47
50
474FXM050M
423.284
5
5x9
0.47
100
474FXM100M
282.19
10
5x9
1
50
105FXM050M
198.944
12
5x9
1
100
105FXM100M
132.629
15
5x9
2.2
50
225FXM050M
90.429
18
5x9
2.2
100
225FXM100M
60.286
21
5x9
3.3
50
335FXM050M
60.286
25
5x9
3.3
100
335FXM100M
40.191
29
5x9
4.7
50
475FXM050M
42.328
30
5x9
4.7
100
475FXM100M
28.219
32
5x9
10
50
106FXM050M
19.894
46
5x9
10
63
106FXM063M
16.579
50
5x9
10
100
106FXM100M
13.263
55
6.3x9
10
400
106FXM400M
41.447
100
16x15
22
50
226FXM050M
9.043
85
5x9
22
63
226FXM063M
7.536
80
6.3x9
22
100
226FXM100M
6.029
95
8x9
22
250
226FXM250M
15.071
200
16x15
22
400
226FXM400M
18.836
200
18x15
33
35
336FXM035M
7.033
75
5x9
33
50
336FXM050M
6.029
85
6.3x9
33
63
336FXM063M
5.024
95
6.3x9
33
100
336FXM100M
4.019
120
10x9
33
200
336FXM200M
10.048
250
16x15
33
250
336FXM250M
10.048
250
18x15
33
400
336FXM400M
12.56
250
18x20
47
25
476FXM025M
5.644
80
5x9
47
35
476FXM035M
4.938
95
6.3x9
47
50
476FXM050M
4.233
100
6.3x9
47
63
476FXM063M
3.527
125
8x9
47
100
476FXM100M
2.822
165
10x12.5
47
160
476FXM160M
7.055
300
16x15
47
200
476FXM200M
7.055
300
18x15
47
250
476FXM250M
7.055
300
18x20
47
400
476FXM400M
8.818
300
18x25
68
160
686FXM160M
4.876
350
18x15
68
200
686FXM200M
4.876
350
18x20
68
250
686FXM250M
765.93
350
18x20
100
10
107FXM010M
3.979
95
5x9
100
16
107FXM016M
3.316
115
6.3x9
100
25
107FXM025M
2.653
130
6.3x9
100
35
107FXM035M
2.321
155
8x9
100
50
107FXM050M
1.989
170
10x9
100
63
107FXM063M
1.658
220
10x12.5
100
100
107FXM100M
1.326
260
12.5x15
100
160
107FXM160M
3.316
420
18x20
100
200
107FXM200M
3.316
420
18x25
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
100
250
107FXM250M
3.316
420
18x25
150
160
157FXM160M
2.21
510
18x25
150
200
157FXM200M
2.21
510
18x25
220
6.3
227FXM6R3M
2.11
145
6.3x9
220
10
227FXM010M
1.809
155
6.3x9
220
16
227FXM016M
1.507
205
8x9
220
25
227FXM025M
1.206
220
10x9
220
35
227FXM035M
1.055
235
10x9
220
50
227FXM050M
0.904
290
10x12.5
220
63
227FXM063M
0.754
330
12.5x12.5
220
100
227FXM100M
0.603
440
16x15
330
6.3
337FXM6R3M
1.407
180
6.3x9
330
10
337FXM010M
1.206
210
8x9
330
16
337FXM016M
1.005
240
10x9
330
25
337FXM025M
0.804
270
10x9
330
35
337FXM035M
0.703
340
10x12.5
330
50
337FXM050M
0.603
370
12.5x12.5
330
63
337FXM063M
0.502
430
12.5x15
330
100
337FXM100M
0.402
590
18x20
470
6.3
477FXM6R3M
0.988
235
8x9
470
10
477FXM010M
0.847
275
8x9
470
16
477FXM016M
0.7055
290
10x9
470
25
477FXM025M
0.705
370
10x12.5
470
35
477FXM035M
0.494
420
12.5x12.5
470
50
477FXM050M
0.423
540
16x15
470
63
477FXM063M
0.353
600
18x15
470
100
477FXM100M
0.282
770
18x25
1000
6.3
108FXM6R3M
0.464
370
10x9
1000
10
108FXM010M
0.398
450
10x12.5
1000
16
108FXM016M
0.332
520
12.5x12.5
1000
25
108FXM025M
0.332
590
12.5x15
1000
35
108FXM035M
0.232
720
16x15
1000
50
108FXM050M
0.199
830
18x20
1000
63
108FXM063M
0.166
1000
18x25
2200
6.3
228FXM6R3M
0.241
635
12.5x15
2200
10
228FXM010M
0.211
690
12.5x15
2200
16
228FXM016M
0.181
830
16x15
2200
25
228FXM025M
0.151
970
18x15
2200
35
228FXM035M
0.136
1110
18x20
3300
6.3
338FXM6R3M
0.171
860
16x15
3300
10
338FXM010M
0.151
940
16x15
3300
16
338FXM016M
0.131
1050
18x15
3300
25
338FXM025M
0.111
1220
18x20
4700
6.3
478FXM6R3M
0.127
1010
16x15
4700
10
478FXM010M
0.113
1120
18x15
4700
16
478FXM016M
0.099
1260
18x20
4700
25
478FXM025M
0.085
1470
18x25
6800
6.3
688FXM6R3M
0.098
1200
18x15
6800
10
688FXM010M
0.088
1330
18x20
6800
16
688FXM016M
0.078
1560
18x25
10000
6.3
109FXM6R3M
0.076
1450
18x20
10000
10
109FXM010M
0.07
1700
18x25


Similar Part No. - 337FXM010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337FXM010M ILLINOISCAPACITOR-337FXM010M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
337FXM010M ILLINOISCAPACITOR-337FXM010M Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
337FXM010M ILLINOISCAPACITOR-337FXM010M Datasheet
134Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 337FXM010M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
42Kb / 4P
   HIGH VOLTAGE GENERAL PURPOSE
October 1988
logo
New Jersey Semi-Conduct...
2N720A NJSEMI-2N720A Datasheet
123Kb / 2P
   HIGH VOLTAGE GENERAL PURPOSE
2N4030 NJSEMI-2N4030 Datasheet
480Kb / 2P
   GENERAL PURPOSE HIGH-VOLTAGE
logo
Texas Instruments
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
   General-purpose low voltage comparators
logo
Texas Instruments
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
Diodes Incorporated
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Texas Instruments
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
[Old version datasheet]   GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com