Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR76201 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR76201
Description  40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76201 Datasheet(HTML) 3 Page - Exar Corporation

  XR76201 Datasheet HTML 1Page - Exar Corporation XR76201 Datasheet HTML 2Page - Exar Corporation XR76201 Datasheet HTML 3Page - Exar Corporation XR76201 Datasheet HTML 4Page - Exar Corporation XR76201 Datasheet HTML 5Page - Exar Corporation XR76201 Datasheet HTML 6Page - Exar Corporation XR76201 Datasheet HTML 7Page - Exar Corporation XR76201 Datasheet HTML 8Page - Exar Corporation XR76201 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
XR
76201
3/16
REV1A
Electrical Characteristics (Continued)
Unless otherwise noted: TJ = 25°C, VIN = 24V, BST = VCC, SW = AGND = PGND = 0V, CVCC = 4.7µF. Limits applying over
the full operating temperature range are denoted by a •.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Reference Voltage
VREF
Reference voltage
VIN = 5.5V to 40V, VCC regulating
0.596
0.600
0.604
V
0.594
0.600
0.606
V
DC line regulation
CCM, closed loop, VIN = 5.5V-40V, applies to
any COUT
±0.15
%
DC load regulation
CCM, closed loop, applies to any COUT
±0.05
%
Programmable Constant On-Time
tON1
On-time 1
RON = 6.04k, VIN = 24V
85
100
117
ns
f Corresponding to on-time 1
VOUT = 1.8V, VIN = 24V, RON = 6.04k,
IOUT = 1.5A
710
830
980
kHz
tON(MIN)
Minimum programmable on-time
RON = 6.04k, VIN = 24V
85
100
117
ns
tON2
On-time 2
RON = 14k, VIN = 24V
174
205
236
ns
tON3
On-time 3
RON = 35.7k, VIN = 24V
407
479
550
ns
f corresponding to on-time 2
VOUT = 1.8V, VIN = 24V, RON = 14k,
IOUT = 1.5A
345
400
470
kHz
Minimum off-time
250
350
ns
Diode Emulation Mode
Zero crossing threshold
DC value measured during test
-2
mV
Soft-Start
SS charge current
-14
-10
-6
µA
SS discharge current
Fault present
1
mA
VCC Linear Regulator
VCC output voltage
VIN = 6V to 40V, ILOAD = 0 to 30mA
4.8
5.0
5.2
V
VIN = 5V, ILOAD = 0 to 20mA
4.51
4.7
V
Power Good Output
Power good threshold
-10
-6.9
-5
%
Power good hysteresis
1.6
4
%
Power good sink current
1
mA


Similar Part No. - XR76201

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
XR76203-Q EXAR-XR76203-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
XR76203EL-F EXAR-XR76203EL-F Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
XR76203EL-Q EXAR-XR76203EL-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
XR76203ELMTR-F EXAR-XR76203ELMTR-F Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
More results

Similar Description - XR76201

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
   AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR75100 EXAR-XR75100 Datasheet
3Mb / 15P
   40V Synchronous Step Down COT Controller
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
logo
ACE Technology Co., LTD...
ACE735N ACE-ACE735N Datasheet
190Kb / 3P
   High Efficiency, 1.5A 40V Input Synchronous Step-Down Regulator
VER 1.2
logo
Exar Corporation
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
   40V, 6A Synchronous Step-Down COT Power Module
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com