Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR18910IL-64 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR18910IL-64
Description  8:1 Sensor Interface Analog Front End
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910IL-64 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR18910IL-64 Datasheet HTML 3Page - Exar Corporation XR18910IL-64 Datasheet HTML 4Page - Exar Corporation XR18910IL-64 Datasheet HTML 5Page - Exar Corporation XR18910IL-64 Datasheet HTML 6Page - Exar Corporation XR18910IL-64 Datasheet HTML 7Page - Exar Corporation XR18910IL-64 Datasheet HTML 8Page - Exar Corporation XR18910IL-64 Datasheet HTML 9Page - Exar Corporation XR18910IL-64 Datasheet HTML 10Page - Exar Corporation XR18910IL-64 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
REV1A
Electrical Characteristics (Continued)
Table 2. DAC Registers
Hex
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Offset % of FS Input
Voltage RTI
0x3FF
0
1
1
1
1
1
1
1
1
1
1
50
560mV
0x000
0
0
0
0
0
0
0
0
0
0
0
0
0
0x7FF
1
1
1
1
1
1
1
1
1
1
1
-50
-560mV
0x400
1
0
0
0
0
0
0
0
0
0
0
0
0
DAC
Sign
10-Bit DAC Range
Table 3. Gain Registers
Hex
D2
D1
D0
Gain
0x00
0
0
0
2
0x01
0
0
1
20
0x02
0
1
0
40
0x03
0
1
1
80
0x04
1
0
0
150
0x05
1
0
1
300
0x06
1
1
0
600
0x07
1
1
1
760
XR
18910


Similar Part No. - XR18910IL-64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR18W750 EXAR-XR18W750 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
XR18W750IL48 EXAR-XR18W750IL48 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
XR18W753 EXAR-XR18W753 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
XR18W753IL48 EXAR-XR18W753IL48 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
More results

Similar Description - XR18910IL-64

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
   Inductive Sensor Analog Front End Device
2009
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
logo
Shenzhen Huazhimei Semi...
HM1001 HMSEMI-HM1001 Datasheet
486Kb / 9P
   Infrared sensor analog front end dedicated chip
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
DATEL, Inc.
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com