Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR18910IL-66 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR18910IL-66
Description  8:1 Sensor Interface Analog Front End
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR18910IL-66 Datasheet(HTML) 1 Page - Exar Corporation

  XR18910IL-66 Datasheet HTML 1Page - Exar Corporation XR18910IL-66 Datasheet HTML 2Page - Exar Corporation XR18910IL-66 Datasheet HTML 3Page - Exar Corporation XR18910IL-66 Datasheet HTML 4Page - Exar Corporation XR18910IL-66 Datasheet HTML 5Page - Exar Corporation XR18910IL-66 Datasheet HTML 6Page - Exar Corporation XR18910IL-66 Datasheet HTML 7Page - Exar Corporation XR18910IL-66 Datasheet HTML 8Page - Exar Corporation XR18910IL-66 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
REV1A
Description
The XR18910 is a unique sensor interface integrated circuit with an
onboard 8:1 multiplexer, offset correction Digital-to-Analog Converter
(DAC), instrumentation amplifier and voltage reference. The XR18910
is designed to integrate multiple bridge sensors with a Microcontroller
(MCU) or Field-Programmable Gate Array (FPGA).
The integrated offset correction DAC provides digital calibration of the
variable and in many cases substantial offset voltage generated by the
bridge sensors. The DAC is controlled by an I2C compatible 2-wire serial
interface. The serial interface also provides the user with easy controls
to the XR18910’s many functions such as input and gain selection.
A linear regulator (LDO) provides a regulated voltage to power the input
bridge sensors and is selectable, between 3V and 2.65V. The LDO
current can be sensed and a proportional voltage present at the output
of the IC for monitoring the LDO current.
The XR18910 offers 8 fixed gain settings (from 2V/V to 760V/V), each
with an error of only ±0.5%, that are selectable via the I2C interface.
It also offers less than 3mV maximum input offset voltage, 100pA
maximum input bias current, and 100pA maximum input offset current.
The XR18910 is designed to operate from 2.7V to 5V supplies, specified
over the industrial temperature range of -40°C to 85°C and is offered in
a space saving 3.5mm x 3.5mm QFN package. It consumes less than
559μA supply current and offers a sleep mode for added power savings.
The XR18910 is well suited for industrial and consumer applications
using bridge sensors.
Typical Application
FEATURES
Integrated features for interfacing multiple
bridge sensors with an MCU or FPGA
8:1 differential MUX with I2C interface
Instrumentation amplifier
LDO
Offset correction DAC with I2C interface
(±560mV offset correction range)
Eight selectable voltage gains from 2V/V to
760V/V with only ±0.5% gain error
3mV maximum input offset voltage
100pA maximum input bias current
559μA maximum supply current
2.7V to 5V analog supply voltage range
1.8V to 5V digital supply voltage range
-40°C to 85°C temperature range
3.5mm x 3.5mm QFN-24 package
APPLICATIONS
Bridge sensor interface
Pressure and temperature sensors
Strain gauge amplifier
Industrial process controls
Weigh scales
Figure 1. Typical Application
Figure 2. 0.1Hz to 10Hz RTI Voltage Noise
BRIDGE 8
BRIDGE 1
ADC
µC
OUT
SDA
SCL
IN1+
IN1-
IN8+
IN8-
BRDG
8:1
MUX
LDO
INA /
PGA
I2C
CONTROL
PGA
±560mV
OFFSET TRIM
10-BIT
DAC
0.1F
6.8F
VCC
+
10k
VCC
VDD
0.1F
6.8F
+
0.1F
VDD
4.7k
4.7k
VDD
VDD
AGND
DGND
10nF
XR18910
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
Time (seconds)
XR18910
8:1 Sensor Interface Analog Front End


Similar Part No. - XR18910IL-66

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR18W750 EXAR-XR18W750 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
XR18W750IL48 EXAR-XR18W750IL48 Datasheet
908Kb / 44P
   WIRELESS UART CONTROLLER
XR18W753 EXAR-XR18W753 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
XR18W753IL48 EXAR-XR18W753IL48 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
More results

Similar Description - XR18910IL-66

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
   Inductive Sensor Analog Front End Device
2009
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
logo
Shenzhen Huazhimei Semi...
HM1001 HMSEMI-HM1001 Datasheet
486Kb / 9P
   Infrared sensor analog front end dedicated chip
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
DATEL, Inc.
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com