Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC2005ISO8MTR Datasheet(PDF) 2 Page - Exar Corporation

Part # CLC2005ISO8MTR
Description  Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2005ISO8MTR Datasheet(HTML) 2 Page - Exar Corporation

  CLC2005ISO8MTR Datasheet HTML 1Page - Exar Corporation CLC2005ISO8MTR Datasheet HTML 2Page - Exar Corporation CLC2005ISO8MTR Datasheet HTML 3Page - Exar Corporation CLC2005ISO8MTR Datasheet HTML 4Page - Exar Corporation CLC2005ISO8MTR Datasheet HTML 5Page - Exar Corporation CLC2005ISO8MTR Datasheet HTML 6Page - Exar Corporation CLC2005ISO8MTR Datasheet HTML 7Page - Exar Corporation CLC2005ISO8MTR Datasheet HTML 8Page - Exar Corporation CLC2005ISO8MTR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© 2007-2015 Exar Corporation
2 / 19
exar.com/CLC1005
Rev 2D
CLC1005, CLC1015, CLC2005
Absolute Maximum Ratings
Stresses beyond the limits listed below may cause
permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect
device reliability and lifetime.
VS ................................................................................... 0V to +6V
VIN ............................................................ -VS - 0.5V to +VS +0.5V
Operating Conditions
Supply Voltage Range ...................................................2.5 to 5.5V
Operating Temperature Range .................................-40°C to 85°C
Junction Temperature ........................................................... 150°C
Storage Temperature Range...................................-65°C to 150°C
Lead Temperature (Soldering, 10s) ......................................260°C
Package Thermal Resistance
θJA (SOIC-8).....................................................................150°C/W
θJA (MSOP-8) .................................................................. 200°C/W
θJA (TSOT23-5) ................................................................215°C/W
θJA (TSOT23-6) ................................................................192°C/W
Package thermal resistance (
θJA), JEDEC standard, multi-layer
test boards, still air.
ESD Protection
SOIC-8 (HBM) .......................................................................2.5kV
ESD Rating for HBM (Human Body Model) and CDM (Charged
Device Model).


Similar Part No. - CLC2005ISO8MTR

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2005ISO8 CADEKA-CLC2005ISO8 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005ISO8X CADEKA-CLC2005ISO8X Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
More results

Similar Description - CLC2005ISO8MTR

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
logo
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com