Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC1015IST6EVB Datasheet(PDF) 1 Page - Exar Corporation

Part # CLC1015IST6EVB
Description  Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1015IST6EVB Datasheet(HTML) 1 Page - Exar Corporation

  CLC1015IST6EVB Datasheet HTML 1Page - Exar Corporation CLC1015IST6EVB Datasheet HTML 2Page - Exar Corporation CLC1015IST6EVB Datasheet HTML 3Page - Exar Corporation CLC1015IST6EVB Datasheet HTML 4Page - Exar Corporation CLC1015IST6EVB Datasheet HTML 5Page - Exar Corporation CLC1015IST6EVB Datasheet HTML 6Page - Exar Corporation CLC1015IST6EVB Datasheet HTML 7Page - Exar Corporation CLC1015IST6EVB Datasheet HTML 8Page - Exar Corporation CLC1015IST6EVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CLC1005, CLC1015, CLC2005
Low Cost, +2.7V to 5.5V, 260MHz
Rail-to-Rail Amplifiers
© 2007-2015 Exar Corporation
1 / 19
exar.com/CLC1005
Rev 2D
FEATURES
260MHz bandwidth
Fully specified at +2.7V and +5V supplies
Output voltage range:
0.036V to 4.953V; VS = +5; RL = 2kΩ
Input voltage range:
-0.3V to +3.8V; VS = +5
145V/μs slew rate
4.2mA supply current
Power down to 127μA
±55mA linear output current
±85mA short circuit current
CLC2005 directly replaces AD8052/42/92
in single supply applications
CLC1005 directly replaces AD8051/41/91
in single supply applications
APPLICATIONS
A/D driver
Active filters
CCD imaging systems
CD/DVD ROM
Coaxial cable drivers
High capacitive load driver
Portable/battery-powered applications
Twisted pair driver
Telecom and optical terminals
Video driver
Interactive whiteboards
General Description
The CLC1005 (single), CLC1015 (single with disable), and CLC2005 (dual)
are low cost, voltage feedback amplifiers. These amplifiers are designed
to operate on +2.7V to +5V, or ±2.5V supplies. The input voltage range
extends 300mV below the negative rail and 1.2V below the positive rail.
The CLC1005, CLC1015, and CLC2005 offer superior dynamic performance
with 260MHz small signal bandwidth and 145V/μs slew rate. The amplifiers
consume only 4.2mA of supply current per channel and the CLC1015 offers
a disable supply current of only 127μA. The combination of low power, high
output current drive, and rail-to-rail performance make these amplifiers well
suited for battery-powered communication/computing systems.
The combination of low cost and high performance make the CLC1005,
CLC1015, and CLC2005 suitable for high volume applications in both
consumer and industrial applications such as interactive whiteboards,
wireless phones, scanners, color copiers, and video transmission.
Output Swing
Time (0.5 s/div)
2.7
0
Vs = +2.7V
RL = 2k
G = -1
2nd & 3rd Harmonic Distortion; VS = +2.7V
Frequency (MHz)
0
5
10
15
2nd
RL = 150Ω
20
3rd
RL = 150Ω
3rd
RL = 2kΩ
2nd
RL = 2kΩ
-90
-80
-70
-60
-50
-40
-30
-20
Vo = 1Vpp
Rf = 1kΩ
Ordering Information - backpage


Similar Part No. - CLC1015IST6EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
CLC1010ISO8X EXAR-CLC1010ISO8X Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
CLC1010IST5X EXAR-CLC1010IST5X Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011ISC5X CADEKA-CLC1011ISC5X Datasheet
2Mb / 16P
   Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
More results

Similar Description - CLC1015IST6EVB

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Fairchild Semiconductor
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
logo
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
   0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
   0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
   Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Exar Corporation
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
   0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com