Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

606DCB700K4R Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 606DCB700K4R
Description  Small size - High voltage - General purpose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

606DCB700K4R Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  606DCB700K4R Datasheet HTML 1Page - Illinois Capacitor, Inc. 606DCB700K4R Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DCB
2 or 4 lead box
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
10 kHz,
+70°C
Typical
ESR (mΩ)
10 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
7.5
1100 755DCB112K2J
20
7
12
42.5x33.5x22
37.5
1.2
2
10
900
106DCB900K2J
16
7.5
11
42.5x33.5x22
37.5
1.2
2
10
1100 106DCB112K2J
20
9
9.8
42.5x37x28
37.5
1.2
2
10
1100 106DCB112K4J
20
11
8.9
42.5x37x28
37.5
1.2
10.2
4
12
900
126DCB900K4J
16
11
8.9
41.5x40x20
37.5
1.2
10.2
4
12
900
126DCB900K2J
16
9
9.7
41.5x40x20
37.5
1.2
2
12.5
700
126DCB700K2J
13
7.5
11
42.5x30x22
37.5
1.2
2
12.5
1100 126DCB112K4J
20
12.5
7.7
42.5x45x30
37.5
1.2
20.3
4
12.5
1100 126DCB112K2J
20
11
8.5
42.5x45x30
37.5
1.2
2
15
700
156DCB700K2J
13
8
9.5
42.5x33.5x22
37.5
1.2
2
15
700
156DCB700K4J
13
9.5
8.7
42.5x33.5x22
37.5
1.2
10.2
4
15
900
156DCB900K4J
16
12
7.7
42.5x37x28
37.5
1.2
10.2
4
15
900
156DCB900K2J
16
10
8.5
42.5x37x28
37.5
1.2
2
16
900
166DCB900K2J
16
11
8.2
41.5x44x24
37.5
1.2
2
16
900
166DCB900K4J
16
12.5
7.4
41.5x44x24
37.5
1.2
10.2
4
20
700
206DCB700K4J
13
12
7.1
42.5x37x28
37.5
1.2
10.2
4
20
700
206DCB700K2J
13
10
7.9
42.5x37x28
37.5
1.2
2
20
900
206DCB900K2J
16
12
7.2
42.5x45x30
37.5
1.2
2
20
900
206DCB900K4J
16
14
6.4
42.5x45x30
37.5
1.2
20.3
4
20
1100 206DCB112K2R
13
12
8
57.5x45x30
52.5
1.2
2
20
1100 206DCB112K4R
13
14
7.2
57.5x45x30
52.5
1.2
20.3
4
22
700
226DCB700K4J
13
13
6.7
42.5x37x28
37.5
1.2
10.2
4
22
700
226DCB700K2J
13
11
7.5
42.5x37x28
37.5
1.2
2
25
450
256DCB450K2J
10
8
9.3
42.5x33.5x22
37.5
1.2
2
25
1100 256DCB112K2R
13
14
7.1
57.5x50x35
52.5
1.2
2
25
1100 256DCB112K4R
13
16
6.3
57.5x50x35
52.5
1.2
20.3
4
30
450
306DCB450K2J
10
10
8.3
41.5x40x20
37.5
1.2
2
30
700
306DCB700K2J
13
13
6.3
42.5x45x30
37.5
1.2
2
30
700
306DCB700K4J
13
15
5.5
42.5x45x30
37.5
1.2
20.3
4
30
900
306DCB900K4R
11
16
6.2
57.5x45x30
52.5
1.2
20.3
4
30
900
306DCB900K2R
11
13
7
57.5x45x30
52.5
1.2
2
30
1100 306DCB112K4R
13
17.5
5.9
57.5x57.5x38
52.5
1.2
20.3
4
35
1100 356DCB112K4R
13
19
5.4
57.5x57.5x38
52.5
1.2
20.3
4
40
450
406DCB450K4J
10
13
6.4
42.5x37x28
37.5
1.2
10.2
4
40
450
406DCB450K2J
10
11
7.1
42.5x37x28
37.5
1.2
2
40
900
406DCB900K2R
11
14
6
57.5x50x35
52.5
1.2
2
40
900
406DCB900K4R
11
19
5.2
57.5x50x35
52.5
1.2
20.3
4
45
700
456DCB700K4R
10
16
5.7
57.5x45x30
52.5
1.2
20.3
4
45
700
456DCB700K2R
10
14
6.5
57.5x45x30
52.5
1.2
2
50
450
506DCB450K2J
10
13
6.3
42.5x45x30
37.5
1.2
2
50
450
506DCB450K4J
10
15
5.5
42.5x45x30
37.5
1.2
20.3
4
50
900
506DCB900K4R
7.5
21
4.6
57.5x57.5x38
52.5
1.2
20.3
4
55
700
556DCB700K4R
10
19
4.9
57.5x50x30
52.5
1.2
20.3
4
55
700
556DCB700K2R
10
14
5.7
57.5x50x30
52.5
1.2
2
60
700
606DCB700K2R
10
14
5.5
57.5x50x35
52.5
1.2
20.3
2
60
700
606DCB700K4R
10
20
4.7
57.5x50x35
52.5
1.2
20.3
4
70
450
706DCB450K2R
7
14
6
57.5x45x30
52.5
1.2
2
70
450
706DCB450K4R
7
16
5.3
57.5x45x30
52.5
1.2
20.3
4
75
700
756DCB700K4R
10
21
4.3
57.5x57.5x38
52.5
1.2
20.3
4
100
450
107DCB450K4R
7
20
4.2
57.5x50x35
52.5
1.2
20.3
4
125
450
127DCB450K4R
7
22
3.7
57.5x57.5x38
52.5
1.2
20.3
4


Similar Part No. - 606DCB700K4R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
606DCB700K4R ILLINOISCAPACITOR-606DCB700K4R Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - 606DCB700K4R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
108CKS050M ILLINOISCAPACITOR-108CKS050M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKS200M ILLINOISCAPACITOR-106CKS200M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
HSM ILLINOISCAPACITOR-HSM Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
105HSM050M ILLINOISCAPACITOR-105HSM050M_16 Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com