Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

107HSM025M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 107HSM025M
Description  Small size - High voltage - General purpose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107HSM025M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  107HSM025M Datasheet HTML 1Page - Illinois Capacitor, Inc. 107HSM025M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HSM
+125°C, 2000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+125°C
Dims DxL
(mm)
1
50
105HSM050M
165.786
10
8x11.5
2.2
50
225HSM050M
75.357
22
8x11.5
3.3
50
335HSM050M
50.238
27
8x11.5
4.7
50
475HSM050M
35.274
32
8x11.5
10
50
106HSM050M
16.579
47
8x11.5
22
50
226HSM050M
7.536
70
8x11.5
33
50
336HSM050M
5.024
85
8x11.5
47
50
476HSM050M
3.527
105
8x11.5
47
63
476HSM063M
3.527
120
10x12.5
100
25
107HSM025M
2.321
125
8x11.5
100
50
107HSM050M
1.658
180
10x12.5
100
63
107HSM063M
1.658
200
10x16
220
10
227HSM010M
1.507
155
8x11.5
220
25
227HSM025M
1.055
220
10x12.5
220
35
227HSM035M
0.904
260
10x16
220
50
227HSM050M
0.754
320
10x20
220
63
227HSM063M
0.754
360
12.5x20
330
16
337HSM016M
0.804
250
10x12.5
330
25
337HSM025M
0.703
300
10x16
330
35
337HSM035M
0.603
350
10x20
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+125°C
Dims DxL
(mm)
330
50
337HSM050M
0.502
430
12.5x20
330
63
337HSM063M
0.502
480
12.5x25
470
10
477HSM010M
0.705
270
10x12.5
470
16
477HSM016M
0.564
330
10x16
470
25
477HSM025M
0.494
390
10x20
470
35
477HSM035M
0.423
470
12.5x20
470
50
477HSM050M
0.353
570
12.5x25
470
63
477HSM063M
0.353
650
16x25
1000
10
108HSM010M
0.332
470
10x20
1000
16
108HSM016M
0.265
590
12.5x20
1000
25
108HSM025M
0.232
700
12.5x25
1000
35
108HSM035M
0.199
850
16x25
1000
50
108HSM050M
0.166
1030
16x31.5
2200
10
228HSM010M
0.181
820
12.5x25
2200
16
228HSM016M
0.151
1030
16x25
2200
25
228HSM025M
0.136
1210
16x31.5
3300
10
338HSM010M
0.131
1090
16x25
3300
16
338HSM016M
0.111
1330
16x31.5
4700
10
478HSM010M
0.099
1390
16x31.5


Similar Part No. - 107HSM025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107HSM025M ILLINOISCAPACITOR-107HSM025M Datasheet
416Kb / 3P
   125째C Standard Radial Lead Aluminum Electrolytic Capacitors
107HSM025M ILLINOISCAPACITOR-107HSM025M Datasheet
516Kb / 3P
   125C Standard Radial Lead Aluminum Electrolytic Capacitors
107HSM025M ILLINOISCAPACITOR-107HSM025M Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
More results

Similar Description - 107HSM025M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
108CKS050M ILLINOISCAPACITOR-108CKS050M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKS200M ILLINOISCAPACITOR-106CKS200M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
105HSM050M ILLINOISCAPACITOR-105HSM050M_16 Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
DCB ILLINOISCAPACITOR-DCB Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com