Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU4005-NH-E Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part # GBU4005-NH-E
Description  BRIDGERECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

GBU4005-NH-E Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

  GBU4005-NH-E Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD GBU4005-NH-E Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD GBU4005-NH-E Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.874(22.2)
.860(21.8)
.146(3.7)
.154(3.9)
.224(5.7)
.232(5.9)
.126(3.2)*45°
CHAMFER
.720(18.3)
.752(19.1)
.720(18.29)
.680(17.27)
.091(2.30)
.077(1.95)
.035(0.9)
.047(1.2)
.093(2.35)
.081(2.05)
(5.3)
(4.8)
.210
.190
.190
.210
(4.8)
(5.3)
(5.3)
(4.8)
.210
.190
.133(3.37)
.139(3.53)
.091(2.3)
.106(2.7)
.022(.56)
.018(.46)
.401(10.2)
.392(9.80)
.437(11.1)
.430(10.9)
Date:2014/10/20
http://www.dgniuhang.com
BRIDGERECTIFIERS
Page: 1 of 3
Rev.:AA
GBU
VOLTAGE
50 THRU 1000 Volts
Ampers
CURRENT
Unit:(mm)
FEATURES
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C(UNLESS OTHERWISE NOTED)
GBU4 005 THRU GBU4 10
Surge overload rating -200 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
the flammability classification 94V-0
Mounting postition:Any
Weight: 0.138 ounces , 3.9 grams
4.0
CHARACTERISTICS
SYMBOL GBU4005 GBU401 GBU402 GBU404 GBU406 GBU408 GBU410
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 4.0A DC
VF
V
Maximum DC Reverse Current
@ T J=25℃
at Rated DC Blocking Voltage
@ T J=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 50mm*50mm*1.6mm cu plate heatsink.
uA
A
150
4.0
2.4
500
I(AV)
-55 to +150
10.0
-55 to +150
IFSM
A
IR
1.1
93
45
2.2
Single phase,half wave,60Hz,resistive or inductive load.For capacitive load,derate current by 20%


Similar Part No. - GBU4005-NH-E

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
GBU4005-G COMCHIP-GBU4005-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
GBU4005-GBU410 KINGTRONICS-GBU4005-GBU410 Datasheet
523Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
GBU4005-GBU410 KINGTRONICS-GBU4005-GBU410_16 Datasheet
354Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 100 to 1000 Volts CURRENT 4.0 Ampere
More results

Similar Description - GBU4005-NH-E

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
GBU610G-NH-OK NIUHANG-GBU610G-NH-OK Datasheet
5Mb / 3P
   BRIDGERECTIFIERS
GBU8005-NH-E NIUHANG-GBU8005-NH-E Datasheet
2Mb / 2P
   BRIDGERECTIFIERS
GBU4A-NH-E NIUHANG-GBU4A-NH-E Datasheet
4Mb / 3P
   BRIDGERECTIFIERS
logo
SeCoS Halbleitertechnol...
RS501 SECOS-RS501 Datasheet
363Kb / 2P
   Silicon BridgeRectifiers
logo
Bytesonic Electronics C...
GBP407 BYTESONIC-GBP407 Datasheet
214Kb / 2P
   GLASSPASSIVATED BRIDGERECTIFIERS
logo
Dongguan City Niuhang E...
GBU4006GL NIUHANG-GBU4006GL Datasheet
6Mb / 3P
   LOW VF BRIDGERECTIFIERS
logo
Bytesonic Electronics C...
D6KB05 BYTESONIC-D6KB05 Datasheet
224Kb / 2P
   GLASS PASSIVATED BRIDGERECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com