Electronic Components Datasheet Search |
|
224CKR050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc. |
|
224CKR050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc. |
1 / 3 page FEATURES Small size - High voltage - General purpose APPLICATIONS Bypass – Coupling – Filtering – De-coupling Operating Temperature Range -40°C to +85°C (6.3 to 100 WVDC) -25°C to +85°C (160 to 500 WVDC) Capacitance Tolerance +20% at 120 Hz, 20°C Surge Voltage WVDC 6.3 10 16 25 35 50 63 100 160 200 250 350 400 450 500 SVDC 7.9 13 20 32 44 63 79 125 200 250 300 400 450 500 550 Dissipation Factor WVDC 6.3 10 16 25 35 50 63 100 160 200 250 350 400 450 500 Tan δ .24 .2 .16 .14 .12 .1 .1 .1 .2 .2 .2 .24 .24 .24 .24 Add .02 for every 1000uF above 1000uF Leakage Current 6.3 to 100 WVDC 160 to 500 WVDC 2 Minutes 2 Minutes .01CV or 3uA, Whichever is greater .03CV+10uA Low Temperature Stability Impedance Ratio (120 Hz) WVDC 6.3 10 16 25 35 50 63 100 160 200 250 350 400 450 500 -25°C to +20°C 5 4 3 2 2 2 2 2 3 3 4 6 7 7 8 -40°C to +20°C 10 8 6 5 3 3 3 3 - - - - - - - Load Life 2000 hours at 85°C with rated WVDC applied Capacitance Change <20% of initial measured value Dissipation Factor <200% of maximum specified value Leakage Current <100% of maximum specified value Shelf Life 1000 hours at 85°C with no voltage applied Capacitance Change <20% initial measured value Dissipation Factor <200% of maximum specified value Leakage Current <100% of maximum specified value Ripple Current Multipliers WVDC Capacitance (uF) Frequency (Hz) Temperature (°C) 50 120 300 1k 10k 100k 85 70 65 60 45 6.3 to 100V 47 0.75 1.0 1.35 1.57 2 2.3 1.0 1.4 1.6 1.7 1.8 100 to 470 0.8 1.0 1.23 1.34 1.5 1.65 1.0 1.4 1.6 1.7 1.8 >560 0.85 1.0 1.1 1.13 1.15 1.4 1.0 1.4 1.6 1.7 1.8 350 to 450V .47 to 4.7 0.65 1.0 1.35 1.75 2.3 2.5 1.0 1.4 1.6 1.7 1.8 6.8 to 82 0.75 1.0 1.25 1.5 1.75 1.8 1.0 1.4 1.6 1.7 1.8 100 to 1000 0.8 1.0 1.15 1.5 1.4 1.5 1.0 1.4 1.6 1.7 1.8 D 5 6.3 8 10 12.5 16 18 S 2.0 2.5 3.5 5.0 5.0 7.5 7.5 d 0.5 0.5 0.5 0.6 0.6 0.8 0.8 L1=L+1.5mm Max. mm D1=D+0.5mm Max. S1=S+0.5 mm |
Similar Part No. - 224CKR050M |
|
Similar Description - 224CKR050M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |