Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C31024A-10JI Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C31024A-10JI
Description  5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31024A-10JI Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C31024A-10JI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31024A-10JI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31024A-10JI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31024A-10JI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31024A-10JI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31024A-10JI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31024A-10JI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31024A-10JI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31024A-10JI Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AS7C1024A
AS7C31024A
9/26/02; 0.9.9
Alliance Semiconductor
P. 4 of 9
®
Key to switching waveforms
Read waveform 1 (address controlled)
Read waveform 2 (CE1, CE2, and OE controlled)
Read cycle (over the operating range)
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
10
12
15
20
ns
Address access time
tAA
10
12
15
20
ns
3
Chip enable (CE1) access time
tACE1
10
12
15
20
ns
3, 12
Chip enable (CE2) access time
tACE2
10
12
15
20
ns
3, 12
Output enable (OE) access time
tOE
5
–6–7–8
ns
Output hold from address change
tOH
2–3–3–3
ns
5
CE1 Low to output in low Z
tCLZ1
0–0–0–0
ns
4, 5, 12
CE2 High to output in low Z
tCLZ2
0–0–0–0
ns
4, 5, 12
CE1 Low to output in high Z
tCHZ1
3
–3–4–5
ns
4, 5, 12
CE2 Low to output in high Z
tCHZ2
3
–3–4–5
ns
4, 5, 12
OE Low to output in low Z
tOLZ
0–0–0–0
ns
4, 5
OE High to output in high Z
tOHZ
3
–3–4–5
ns
4, 5
Power up time
tPU
0–0–0–0
ns
4, 5, 12
Power down time
tPD
10
12
15
20
ns
4, 5, 12
Undefined / don’t care
Falling input
Rising input
Address
DOUT
Data valid
tOH
tAA
tRC
supply
Current
CE2
OE
DOUT
tOE
tOLZ
tACE1, tACE2
tCHZ1, tCHZ2
tCLZ1, tCLZ2
tPU
tPD
ICC
ISB
50%
50%
Data valid
tRC1
CE1
tOHZ


Similar Part No. - AS7C31024A-10JI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
AS7C31024B-10JC ALSC-AS7C31024B-10JC Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
AS7C31024B-10JCN ALSC-AS7C31024B-10JCN Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
AS7C31024B-10STC ALSC-AS7C31024B-10STC Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
AS7C31024B-10STCN ALSC-AS7C31024B-10STCN Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
More results

Similar Description - AS7C31024A-10JI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
WMS128K8V-XXX ETC1-WMS128K8V-XXX Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com