Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3-0512D20A6 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RS3-0512D20A6
Description  DC/DC-Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS3-0512D20A6 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RS3-0512D20A6 Datasheet HTML 1Page - RSG Electronic Components GmbH RS3-0512D20A6 Datasheet HTML 2Page - RSG Electronic Components GmbH RS3-0512D20A6 Datasheet HTML 3Page - RSG Electronic Components GmbH RS3-0512D20A6 Datasheet HTML 4Page - RSG Electronic Components GmbH RS3-0512D20A6 Datasheet HTML 5Page - RSG Electronic Components GmbH RS3-0512D20A6 Datasheet HTML 6Page - RSG Electronic Components GmbH RS3-0512D20A6 Datasheet HTML 7Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 1 (7)
DC/DC-Converter
2.0W unregulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
• 7 Pin SIL/ 14Pin DIL Package
• 1000VDC Isolation
• Up to 6000VDC Isolation
• Low Ripple and Noise
• Efficiency up to 86%
• Operating Temperature Range:
-40° ~ +85°C
• Non Conductive Black Plastic Case
• EMI Complies with EN55022 Class B
OUTPUT SPECIFICATION
Voltage accuracy: ±3%
Lineregulation:per1%VinChange:±1.2%
LOAD REGULATION: from20%to100%load:±10%
Output3.3VModel:±20%
Ripplenoise(20Mhzbandwidth): 75mVpk-pk
Temperaturecoefficient: ±0.02%°C
Capacitorload: Seetable
INPUT SPECIFICATIONS
VoltageRange: ±10%
Max.InputCurrent: Seetable
No-Load/Full-LoadInputCurrent: Seetable
InputFilter: Capacitors
InputReflectedRippleCurrent: 20mApk-pk
GENERAL SPECIFICATIONS
Efficiency: Seetable
I/OIsolationVoltage(60sec): 1000~6000VDC
I/OIsolationCapacitance: 60pFtyp.
I/OIsolationResistance: 1000MOhm
SwitchingFrequency: Variable80kHz
Humidity: 95%relH
ReliabilityCalculatedMTBF: >1.121MHrs
(MIL-HDBK-217f)
SafetyStandard:(designedtomeet): IEC60950-1
ENVIRONMENTAL SPECIFICATION
OperatingTemperaturerange: -40°C~+85°C(seeDeratingCurve)
MaximumCaseTemperature: 100°C
StorageTemperature: -40°C~+125°C
Cooling: NatureConvection
PHYSICAL SPECIFICATIONS:
CaseMaterial: Non-conductiveBlackPlastic(UL94V-0rated)
PINMaterial: Ø0.5mmAlloy42Solder-coated
PottingMaterial: Epoxy(UL94V-0rated)
WeightCase-Sip: 2.3g
WeightCase-DIP: 2.6g
DimmensionSIP: 0.76x0.24x0.39“
DimmensionDIP: 0.80x0.40x0.27“
ABSOLUTE MAXIMUM RATINGS (1)
InputSurgeVoltage(100ms)/
3.3VModels: 6VDCmax
5VModels: 7VDCmax
12VModels: 15VDCmax
15VModels: 18VDCmax
24VModels: 28VDCmax
48VModels: 54VDCmax
SolderingTemperature(2): 260°Cmax.
EMC SPECIFICATIONS
Radiated-/ConductedEmissions: EN55022ClassB
ESD: IEC61000-4-2Perf.CriteriaA
RS: IEC61000-4-3Perf.CriteriaA
EFT: IEC61000-4-4Perf.CriteriaA
SURGE: IEC61000-4-5Perf.CriteriaA
CS: IEC61000-4-6Perf.CriteriaA
PFMF IEC61000-4-8Perf.CriteriaA
1)Thesearestressratings.Exposureofdevicestoanyoftheseconditionsmay
adverselyaffectlong-termreliability.
2)(1.5mmfromcase10secMax.)
3)AllspecificationstypicalatTA=25°C,nominalinputvoltageandfullloadunless
otherwisespecified.
4)Theinformationandspecificationcontainedinthisdatasheetarebelieved
tobecorrectattimeofpublication.HoweverRSGacceptsnoresponsibilityforconsequencesa
risingfromprintingerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
RoHS


Similar Part No. - RS3-0512D20A6

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS3-0512D RECOM-RS3-0512D Datasheet
82Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RS3-0512DH2 RECOM-RS3-0512DH2 Datasheet
82Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RS3-0512DH3 RECOM-RS3-0512DH3 Datasheet
82Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
More results

Similar Description - RS3-0512D20A6

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com