Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABS10 Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part # ABS10
Description  BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

ABS10 Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

  ABS10 Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD ABS10 Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD ABS10 Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Date:2014/10/20
A1 THRU A7
http://www.dgniuhang.com
PLASTIC-ENCAPSULATE GENERAL-PURPOSE RECTIFIERS
Page: 1 of 3
Rev.:AA
0.115(2.90)
0.106(2.70)
0.043(1.08)
0.038(0.98)
0.145(3.70)
0.137(3.50)
0.030(0.75)
0.017(0.45)
SOD-123FL
VOLTAGE
50 THRU 1000 Volts
1.0 Amper
CURRENT
Unit:(mm)
FEATURES
MECHANICALDATA
Low reverse leakageg
High Forward surge capability
High reliability
High temperature soldering guaranteed: 260
Lead and body according with Rohs standard
SOD-123FL small outline plastic package
Polarity: Color band denotes cathode end
Epoxy UL: 94V-0
Mounting Position: Any
1
2
Cathode
Anode
Maximum Ratings & Characteristics (Ratings at 25 ambient temperature unless otherwise specified.)
Parameters
Symbol
Unit
Maximum repetitive peak reverse
voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified
current
IF(AV)
1.0
A
Non-repetitive Peak forward surge
current 8.3 ms single half sine-wave
IFSM
50
A
@IF=1.2A
Max. forward voltage
VF
1.0
V
T A = 2 5
TA=125
IR
5
100
uA
Typical thermal resistance (Note1)
R JA
180
/W
VR=4.0V, f=1MHz
Type junction capacitance
Cj
12
Operation junction and Storage
temperature range
Tj,TSTG
-55-+150
Note:
1) Thermal resistance from junction to ambient, PCB mounted.
Max. reverse current
A1
A2
A3
A4
A5
A6
A7
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
T A = 2 5


Similar Part No. - ABS10

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
ABS10 CHENDA-ABS10 Datasheet
803Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
ABS10 ETC1-ABS10 Datasheet
451Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Microdiode Electronics ...
ABS10 CHENDA-ABS10 Datasheet
522Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
ABS10 YEASHIN-ABS10 Datasheet
751Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
DAESAN ELECTRONIC CORP.
ABS10 DAESAN-ABS10 Datasheet
492Kb / 2P
   BRIDGE RECTIFIER
More results

Similar Description - ABS10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com