Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3845D1413 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AS3845D1413
Description  Current Mode Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3845D1413 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AS3845D1413 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS3845D1413 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS3845D1413 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS3845D1413 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS3845D1413 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS3845D1413 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS3845D1413 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS3845D1413 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS3845D1413 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
ASTEC Semiconductor
AS384x
Current Mode Controller
Electrical Characteristics (contÕd)
Electrical characteristics are guaranteed over full junction temperature range (0 to 105¡C). Ambient temperature must be derated
based on power dissipation and package thermal characteristics. The conditions are: V
CC = 15 V, RT = 10 k½, and CT = 3.3 nF, unless
otherwise stated. To override UVLO, V
CC should be raised above 17 V prior to test.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Error Amplifier
Input Voltage
V
FB
T
J = 25¡C
2.475
2.500
2.525
V
Input Bias Current
I
BIAS
Ð0.1
Ð1
µA
Voltage Gain
A
VOL
2 ² V
COMP ² 4 V
65
90
1
dB
Transconductance
G
m
1
mA/mV
Unity Gain Bandwidth1
GBW
0.8
1.2
MHz
Power Supply Rejection Ratio
PSRR
12 ² V
CC ² 25 V
60
70
dB
Output Sink Current
I
COMPL
V
FB = 2.7 V, VCOMP = 1.1 V
2
6
mA
Output Source Current
I
COMPH
V
FB = 2.3 V, VCOMP = 5 V
0.5
0.8
mA
Output Swing High
V
COMPH
V
FB = 2.3 V, RL = 15 k½ to Ground
5
5.5
V
Output Swing Low
V
COMPL
V
FB = 2.7 V, RL = 15 k½ to Pin 8
0.7
1.1
V
Current Sense Comparator
Transfer Gain2,3
AV
CS
Ð0.2 ² V
SENSE ² 0.8 V
2.85
3.0
3.15
V/V
I
SENSE Level Shift
2
V
LS
V
SENSE = 0 V
1.5
V
Maximum Input Signal2
V
COMP = 5 V
0.9
1
1.1
V
Power Supply Rejection Ratio
PSRR
12 ² V
CC ² 25 V
70
dB
Input Bias Current
I
BIAS
Ð1
Ð10
µA
Propagation Delay to Output1
t
PD
85
150
ns
Output
Output Low Level
V
OL
I
SINK = 20 mA
0.1
0.4
V
V
OL
I
SINK = 200 mA
1.5
2.2
V
Output High Level
V
OH
I
SOURCE = 20 mA
13
13.5
V
V
OH
I
SOURCE = 200 mA
12
13.5
V
Rise Time1
t
R
C
L = 1 nF
50
150
ns
Fall Time1
t
F
C
L = 1 nF
50
150
ns
Housekeeping
Start-up Threshold
V
CC(on)
3842/4
15
16
17
V
3843/5
7.8
8.4
9.0
V
Minimum Operating Voltage
V
CC(min)
3842/4
9
10
11
V
After Turn On
3843/5
7.0
7.6
8.2
V
Output Low Level in UV State
V
OUV
I
SINK = 20 mA, VCC = 6 V
1.5
2.0
V
Over-Temperature Shutdown4
T
OT
125
¡C


Similar Part No. - AS3845D1413

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AS38-H39E BOARDCOM-AS38-H39E Datasheet
1Mb / 8P
   39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
   CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
   CDMA/FM RECEIVE AGC AMPLIFIER AS3802
logo
Dialog Semiconductor
AS3820 DIALOG-AS3820 Datasheet
2Mb / 52P
   16-Channel White LED Controller for LCD Backlight
logo
ams AG
AS3822 AMSCO-AS3822 Datasheet
125Kb / 2P
   8 channel white LED controller for LCD backlight
6??2??7
More results

Similar Description - AS3845D1413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS2842 ETC-AS2842 Datasheet
94Kb / 20P
   Current Mode Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Semtech Corporation
SC2422A SEMTECH-SC2422A Datasheet
114Kb / 10P
   BIPHASE CURRENT MODE CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com