Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC2111FI2-E0019 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # DSC2111FI2-E0019
Description  Crystal-less??Configurable Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC2111FI2-E0019 Datasheet(HTML) 3 Page - Micrel Semiconductor

  DSC2111FI2-E0019 Datasheet HTML 1Page - Micrel Semiconductor DSC2111FI2-E0019 Datasheet HTML 2Page - Micrel Semiconductor DSC2111FI2-E0019 Datasheet HTML 3Page - Micrel Semiconductor DSC2111FI2-E0019 Datasheet HTML 4Page - Micrel Semiconductor DSC2111FI2-E0019 Datasheet HTML 5Page - Micrel Semiconductor DSC2111FI2-E0019 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Micrel, Inc.
DSC2111FI2-E0019
Operational Description
The DSC2111FI2-E0019 is a dual output LVCMOS
oscillator consisting of a MEMS resonator and a supporting
PLL IC. The two LVCMOS outputs are generated through
independent 8-bit programmable dividers from the output
of the internal PLL. DSC2111FI2-E0019 allows for easy
programming of theoutput frequencies using I2C interface.
Upon power-up, the output frequencies are controlled
by an internal
pre-programmed memory (OTP). This
memory stores all coefficients required by the PLL for two
different default frequency pairs. The control pin (FS)
selects the initial pair. Once the device is powered up, a
new output frequency pair can be programmed using I2C
pins.
Programming
details
are
provided in
the
Programming Guide.
The DSC2111FI2-E0019 has independent control of the
output voltage levels of the two outputs. The high voltage
level of CLK1 is equal to the main supply voltage, VDD
(pin 13). VDD2 (pin 12) sets the high voltage level of
CLK2. VDD2 must be equal to or less than VDD at all
times to insure proper operation. VDD2 can be as low
as 1.65V. When OE (pin 1) is floated or connected to
VDD, the DSC2111FI2-E0019 is in operational mode.
Driving OE to ground will disable both output
drivers (hi-impedance mode).
DSC2111FI2-E0019 has programmable output drive
strength, which can be controlled via I2C.
Table 1 displays typical rise / fall times for the output
with a 15pF load capacitance as a function of these
control bits at VDD = 3.3V and room temperature.
Output Drive Strength Bits [OXS2, OXS1, OXS0] - Default is [111] - X = 1 for CLK1, and 2 for CLK2
000
001
010
011
100
101
110
111
tr (ns)
2.1
1.7
1.6
1.4
1.3
1.3
1.2
1.1
tf (ns)
2.5
2.4
2.4
2
1.8
1.6
1.3
1.3
Table 1. Rise/Fall Times for Drive Strengths
Output Clock Frequencies
Frequency select bits are weakly tied high so if left unconnected the default setting will be [1] and the device will output the
associated frequency highlighted in bold.
Freq (MHz)
Freq Select Bit [FS] - Default is [1]
0
1
CLK1
74.25
74.25
CLK2
148.5
148.5
Table 2. Pin-Selectable Output Frequencies
Absolute Maximum Ratings
Item
Min.
Max.
Units
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
VDD + 0.3
V
Junction Temp
-
+150
°C
Storage Temp
-55
+150
°C
Soldering Temp
-
+260
°C
40sec max.
ESD
HBM
MM
CDM
-
4000
400
1500
V
1000+ years of data retention on internal memory
May 13, 2015
3
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
2982


Similar Part No. - DSC2111FI2-E0019

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2111FI2-T MICREL-DSC2111FI2-T Datasheet
567Kb / 6P
   Low-Jitter I2C/SPI Programmable Dual CMOS Oscillator
More results

Similar Description - DSC2111FI2-E0019

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
DSC2144FI2-E0023 MICROCHIP-DSC2144FI2-E0023 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
October 24, 2017 Revision 1.0
DSC400-4334Q0022 MICROCHIP-DSC400-4334Q0022 Datasheet
1Mb / 11P
   Crystal-less??Configurable Clock Generator
February 13, 2017 Revision 1.0
DSC400-1111Q0091 MICROCHIP-DSC400-1111Q0091 Datasheet
1Mb / 10P
   Crystal-less??Configurable Clock Generator
December 08, 2016 Revision 1.0
logo
Micrel Semiconductor
DSC2044FI1-H0006 MICREL-DSC2044FI1-H0006 Datasheet
597Kb / 6P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2010FI2-B0015 MICROCHIP-DSC2010FI2-B0015 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
July 07, 2016 Revision 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com