Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43642C9397M0 Datasheet(PDF) 10 Page - TDK Electronics

Part # B43642C9397M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43642C9397M0 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B43642C9397M0 Datasheet HTML 6Page - TDK Electronics B43642C9397M0 Datasheet HTML 7Page - TDK Electronics B43642C9397M0 Datasheet HTML 8Page - TDK Electronics B43642C9397M0 Datasheet HTML 9Page - TDK Electronics B43642C9397M0 Datasheet HTML 10Page - TDK Electronics B43642C9397M0 Datasheet HTML 11Page - TDK Electronics B43642C9397M0 Datasheet HTML 12Page - TDK Electronics B43642C9397M0 Datasheet HTML 13Page - TDK Electronics B43642C9397M0 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 250 V DC
270
22
× 25
300
100
430
2.78
2.07
1.03
B43642E2277M0*#
330
22
× 30
240
80
350
3.23
2.40
1.20
B43642E2337M0*#
390
22
× 35
200
65
290
3.67
2.73
1.37
B43642E2397M0*#
390
25
× 25
200
80
290
3.42
2.54
1.26
B43642F2397M0*#
470
22
× 35
160
55
230
4.14
3.07
1.53
B43642E2477M0*#
470
25
× 30
180
65
260
3.96
2.94
1.47
B43642F2477M0*#
470
30
× 25
170
55
250
4.56
3.38
1.69
B43642G2477M0*#
560
22
× 40
140
50
190
4.74
3.52
1.76
B43642E2567M0*#
560
25
× 35
150
55
220
4.53
3.37
1.68
B43642F2567M0*#
560
30
× 30
140
45
200
5.20
3.86
1.92
B43642G2567M0*#
680
22
× 45
110
40
160
5.51
4.09
2.04
B43642E2687M0*#
680
25
× 40
120
45
180
5.23
3.89
1.95
B43642F2687M0*#
680
30
× 30
120
40
170
5.78
4.28
2.13
B43642G2687M0*#
680
35
× 25
120
45
180
5.74
4.25
2.12
B43642H2687M0*#
820
25
× 45
100
40
150
6.02
4.47
2.23
B43642E2827M0*#
820
30
× 35
100
34
140
6.61
4.90
2.45
B43642F2827M0*#
820
35
× 30
100
36
150
6.63
4.92
2.62
B43642G2827M0*#
1000
25
× 50
80
32
120
6.92
5.14
2.57
B43642E2108M0*#
1000
30
× 40
80
28
120
7.61
5.64
3.00
B43642F2108M0*#
1000
35
× 30
95
34
140
7.02
5.21
2.77
B43642G2108M0*#
1200
30
× 45
70
24
100
8.67
6.43
3.42
B43642E2128M0*#
1200
35
× 35
70
28
110
8.27
6.13
3.26
B43642F2128M0*#
1500
30
× 50
60
20
90
9.38
6.97
3.72
B43642E2158M0*#
1500
35
× 40
60
22
85
9.59
7.10
3.78
B43642F2158M0*#
1800
35
× 45
55
19
80
10.3
7.67
4.09
B43642E2188M0*#
2200
35
× 55
40
15
60
12.7
9.47
5.04
B43642E2228M0*#
B43642
Ultra compact, high ripple current
105
°C
Page 10 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43642C9397M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43642 TDK-B43642 Datasheet
622Kb / 1P
   Aluminum electrolytic capacitors
More results

Similar Description - B43642C9397M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com