Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ942-1CH-3D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AZ942-1CH-3D
Description  16 AMP MINIATURE PC BOARD RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ942-1CH-3D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AZ942-1CH-3D Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ942-1CH-3D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZETTLER electronics
Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com
200-06-09
AZ942
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load
Medium Duty
Max. switched power: 150 W or 2770 VA
Max. switched current: 10 A
Max. switched voltage: 30 VDC or 300 VAC
UL Rating: 5 A at 30 VDC
10 A at 277 VAC
1/3 HP at 125 VAC (1 Form A)
2.9 A 125 VAC pilot duty (1 Form A)
Heavy Duty
Max. switched power: 480 W or 4000 VA
Max. switched current: 16 A
Max. switched voltage: 30 VDC or 300 VAC
UL Rating: 12 A at 28 VDC
12 A at 277 VAC
16A at 250 VAC
2.0 A at 240 VAC pilot duty
Material
Silver alloy
Resistance
<100 milliohms initially
(24 V, 1 A voltage drop method)
COIL
Power
At Pickup Voltage
230 mW
(typical)
Max Continuous
Class B: 1.7 W at 20°C (68°F) ambient
Dissipation
Class F: 2.2 W at 20°C (68°F) ambient
Temperature Rise
25°C (45°F) at nominal coil voltage
Temperature
Class B: Max. 130°C (266°F)
Class F: Max. 155°C (311°F)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1x107
Electrical
1 x 105 at 10A, 277 VAC
Operate Time (typical)
10 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
1750 Vrms contact to coil
(at sea level for 1 min.) 1000 Vrms across contacts
Insulation Resistance
100 megohms min. at 20°C, 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
Class B: -40°C(-40°F) to 105°C(221°F)
Class F: -40°C(-40°F) to 130°C(266°F)
Storage
Class B: -55°C(-67°F) to 130°C(266°F)
Class F: -55°C(-67°F) to 155°C(311°F)
Vibration
0.062" DA at 10–55Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
13 g
16 AMP
MINIATURE
PC BOARD RELAY
FEATURES
• Extremely low cost
• High switching capacity — 16 Amps
• DC coils to 48 VDC
• UL, CUR file E44211; VDE file 6820
• Class B insulation for high temperature operation
• Class F insulation available
5
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Unsealed relays should not be dip cleaned.
4. Specifications subject to change without notice.
AZ942-1CT unsealed version is VDE approved at 5 A,
250 VAC, 50,000 operations. AZ942-1CT sealed or unsealed
version is VDE approved at 7 A, 250 VAC, 6,000 operations.
5


Similar Part No. - AZ942-1CH-3D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ942-1CH-3D AZETTLER-AZ942-1CH-3D Datasheet
87Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ942-1CH-3D ZETTLER-AZ942-1CH-3D Datasheet
105Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ942-1CH-3DE AZETTLER-AZ942-1CH-3DE Datasheet
87Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ942-1CH-3DE ZETTLER-AZ942-1CH-3DE Datasheet
105Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
More results

Similar Description - AZ942-1CH-3D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1415031-1 MACOM-2-1415031-1 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-5 MACOM-2-1419108-5 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-7 MACOM-2-1419108-7 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-4 MACOM-2-1419108-4 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
logo
American Zettler, Inc.
AZ942 AZETTLER-AZ942 Datasheet
87Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ942 ZETTLER-AZ942 Datasheet
105Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1419108-6 MACOM-2-1419108-6 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1393237-5 MACOM-2-1393237-5 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com