Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM139J Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM139J
Description  Low Power Low Offset Voltage Quad Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM139J Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM139J Datasheet HTML 1Page - National Semiconductor (TI) LM139J Datasheet HTML 2Page - National Semiconductor (TI) LM139J Datasheet HTML 3Page - National Semiconductor (TI) LM139J Datasheet HTML 4Page - National Semiconductor (TI) LM139J Datasheet HTML 5Page - National Semiconductor (TI) LM139J Datasheet HTML 6Page - National Semiconductor (TI) LM139J Datasheet HTML 7Page - National Semiconductor (TI) LM139J Datasheet HTML 8Page - National Semiconductor (TI) LM139J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Absolute Maximum Ratings (Note 10)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM139/LM239/LM339
LM139A/LM239A/LM339A
LM3302
LM2901
Supply Voltage, V
+
36 V
DC or ±18 VDC
28 V
DC or ±14 VDC
Differential Input Voltage (Note 8)
36 V
DC
28 V
DC
Input Voltage
−0.3 V
DC to +36 VDC
−0.3 V
DC to +28 VDC
Input Current (V
IN<−0.3 VDC),
(Note 3)
50 mA
50 mA
Power Dissipation (Note 1)
Molded DIP
1050 mW
1050 mW
Cavity DIP
1190 mW
Small Outline Package
760 mW
Output Short-Circuit to GND,
(Note 2)
Continuous
Continuous
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 seconds)
260˚C
260˚C
Operating Temperature Range
−40˚C to +85˚C
LM339/LM339A
0˚C to +70˚C
LM239/LM239A
−25˚C to +85˚C
LM2901
−40˚C to +85˚C
LM139/LM139A
−55˚C to +125˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
215˚C
Infrared (15 seconds)
220˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of
soldering surface mount devices.
ESD rating (1.5 k
Ω in series with 100 pF)
600V
600V
Electrical Characteristics
(V
+=5 V
DC,TA = 25˚C, unless otherwise stated)
Parameter
Conditions
LM139A
LM239A, LM339A
LM139
Units
Min Typ
Max
Min
Typ
Max
Min Typ
Max
Input Offset Voltage
(Note 9)
1.0
2.0
1.0
2.0
2.0
5.0
mV
DC
Input Bias Current
I
IN(+) or IIN(−) with Output in
25
100
25
250
25
100
nA
DC
Linear Range, (Note 5), V
CM=0V
Input Offset Current
I
IN(+)−IIN(−),VCM=0V
3.0
25
5.0
50
3.0
25
nA
DC
Input Common-Mode
V
+=30 V
DC (LM3302,
0
V
+−1.5
0
V
+−1.5
0
V
+−1.5
V
DC
Voltage Range
V
+ =28V
DC) (Note 6)
Supply Current
R
L = on all Comparators,
0.8
2.0
0.8
2.0
0.8
2.0
mA
DC
R
L = ,V
+ = 36V,
1.0
2.5
1.0
2.5
mA
DC
(LM3302, V
+ =28V
DC)
Voltage Gain
R
L
≥15 kΩ,V+ =15V
DC
50
200
50
200
50
200
V/mV
V
O =1VDC to 11 VDC
Large Signal
V
IN = TTL Logic Swing, VREF =
300
300
300
ns
Response Time
1.4 V
DC,VRL =5VDC,
www.national.com
2


Similar Part No. - LM139J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139J TI-LM139J Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139J TI-LM139J Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139J TI-LM139J Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139J TI1-LM139J Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139J TI-LM139J Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Similar Description - LM139J

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com