Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43641A0827M05 Datasheet(PDF) 8 Page - TDK Electronics

Part # B43641A0827M05
Description  Snap-in capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43641A0827M05 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B43641A0827M05 Datasheet HTML 4Page - TDK Electronics B43641A0827M05 Datasheet HTML 5Page - TDK Electronics B43641A0827M05 Datasheet HTML 6Page - TDK Electronics B43641A0827M05 Datasheet HTML 7Page - TDK Electronics B43641A0827M05 Datasheet HTML 8Page - TDK Electronics B43641A0827M05 Datasheet HTML 9Page - TDK Electronics B43641A0827M05 Datasheet HTML 10Page - TDK Electronics B43641A0827M05 Datasheet HTML 11Page - TDK Electronics B43641A0827M05 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
ESRtyp
300 Hz
60
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
# =
Terminal style
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR =420VDC
120
22
× 25
980
250
1510
1.67
1.26
0.74
B43641A0127M05#
150
22
× 30
780
200
1210
2.00
1.51
0.89
B43641A0157M05#
180
22
× 35
650
160
1000
2.33
1.76
1.04
B43641A0187M05#
180
25
× 25
660
180
1030
2.20
1.66
0.98
B43641B0187M05#
220
22
× 40
540
140
820
2.75
2.08
1.23
B43641A0227M05#
220
25
× 30
540
140
840
2.58
1.95
1.15
B43641B0227M05#
270
22
× 45
440
110
670
3.28
2.47
1.46
B43641A0277M05#
270
25
× 35
440
120
680
3.05
2.30
1.36
B43641B0277M05#
270
30
× 25
460
140
710
2.79
2.10
1.24
B43641C0277M05#
330
22
× 50
360
90
550
3.89
2.93
1.73
B43641A0337M05#
330
25
× 40
360
95
560
3.60
2.71
1.60
B43641B0337M05#
330
30
× 30
370
110
580
3.27
2.46
1.46
B43641C0337M05#
330
35
× 25
390
120
610
3.06
2.31
1.36
B43641D0337M05#
390
25
× 45
310
80
480
4.15
3.13
1.84
B43641A0397M05#
390
30
× 35
310
90
490
3.74
2.82
1.67
B43641B0397M05#
390
35
× 30
320
100
510
3.51
2.65
1.44
B43641C0397M05#
470
25
× 55
250
70
400
4.89
3.69
2.18
B43641A0477M05#
470
30
× 40
260
75
410
4.35
3.28
1.78
B43641B0477M05#
470
35
× 30
280
95
440
3.92
2.95
1.60
B43641C0477M05#
560
30
× 45
220
65
350
5.02
3.79
2.06
B43641A0567M05#
560
35
× 35
230
75
370
4.50
3.39
1.84
B43641B0567M05#
680
30
× 55
180
50
280
5.95
4.49
2.44
B43641A0687M05#
680
35
× 40
190
65
300
5.23
3.94
2.14
B43641B0687M05#
820
35
× 45
160
55
260
6.05
4.56
2.47
B43641A0827M05#
1000
35
× 55
130
45
210
7.20
5.42
2.95
B43641A0108M05#
B43641
Ultra compact
105
°C
Preliminary Data
Page8of16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43641A0827M05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43640 TDK-B43640 Datasheet
620Kb / 20P
   Aluminum electrolytic capacitors Frequency converters
B43640A2108M0 TDK-B43640A2108M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2128M0 TDK-B43640A2128M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2158M0 TDK-B43640A2158M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2188M0 TDK-B43640A2188M0 Datasheet
620Kb / 20P
   Snap-in capacitors
More results

Similar Description - B43641A0827M05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com