Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43634A9107M0 Datasheet(PDF) 9 Page - TDK Electronics

Part # B43634A9107M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43634A9107M0 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B43634A9107M0 Datasheet HTML 5Page - TDK Electronics B43634A9107M0 Datasheet HTML 6Page - TDK Electronics B43634A9107M0 Datasheet HTML 7Page - TDK Electronics B43634A9107M0 Datasheet HTML 8Page - TDK Electronics B43634A9107M0 Datasheet HTML 9Page - TDK Electronics B43634A9107M0 Datasheet HTML 10Page - TDK Electronics B43634A9107M0 Datasheet HTML 11Page - TDK Electronics B43634A9107M0 Datasheet HTML 12Page - TDK Electronics B43634A9107M0 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 200 V DC
330
22
× 25
280
90
400
2.74
1.53
B43634A2337M0*#
390
22
× 30
230
75
340
3.11
1.74
B43634A2397M0*#
470
22
× 30
200
65
290
3.50
1.95
B43634A2477M0*#
470
25
× 25
200
75
300
3.33
1.86
B43634B2477M0*#
560
22
× 35
160
55
240
4.00
2.24
B43634A2567M0*#
560
25
× 30
170
60
250
3.83
2.14
B43634B2567M0*#
680
22
× 40
140
45
200
4.63
2.59
B43634A2687M0*#
680
25
× 35
140
50
210
4.43
2.48
B43634B2687M0*#
680
30
× 25
160
70
240
3.93
2.19
B43634C2687M0*#
820
22
× 45
110
40
170
5.35
2.98
B43634A2827M0*#
820
25
× 35
120
45
180
4.91
2.74
B43634B2827M0*#
820
30
× 30
130
55
190
4.60
2.57
B43634C2827M0*#
1000
25
× 45
95
36
140
5.86
3.28
B43634A2108M0*#
1000
30
× 30
110
55
170
4.92
2.74
B43634B2108M0*#
1000
35
× 25
130
75
200
4.36
2.43
B43634C2108M0*#
1200
25
× 50
80
30
120
6.70
3.74
B43634A2128M0*#
1200
30
× 35
90
45
140
5.68
3.17
B43634B2128M0*#
1200
35
× 30
100
55
160
5.27
3.07
B43634C2128M0*#
1500
30
× 40
75
38
120
6.72
3.91
B43634A2158M0*#
1500
35
× 35
85
45
130
6.12
3.57
B43634B2158M0*#
1800
30
× 50
60
28
95
8.00
4.67
B43634A2188M0*#
1800
35
× 40
70
40
110
6.94
4.05
B43634B2188M0*#
2200
30
× 55
50
26
80
9.09
5.29
B43634A2228M0*#
2200
35
× 45
60
34
95
7.83
4.56
B43634B2228M0*#
2700
35
× 50
50
32
80
8.81
5.13
B43634A2278M0*#
B43634
Long useful life, ultra compact
85
°C
Page 9 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43634A9107M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634 Datasheet
619Kb / 1P
   Aluminum electrolytic capacitors
More results

Similar Description - B43634A9107M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com