Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43641A9128M05 Datasheet(PDF) 2 Page - TDK Electronics

Part # B43641A9128M05
Description  Snap-in capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43641A9128M05 Datasheet(HTML) 2 Page - TDK Electronics

  B43641A9128M05 Datasheet HTML 1Page - TDK Electronics B43641A9128M05 Datasheet HTML 2Page - TDK Electronics B43641A9128M05 Datasheet HTML 3Page - TDK Electronics B43641A9128M05 Datasheet HTML 4Page - TDK Electronics B43641A9128M05 Datasheet HTML 5Page - TDK Electronics B43641A9128M05 Datasheet HTML 6Page - TDK Electronics B43641A9128M05 Datasheet HTML 7Page - TDK Electronics B43641A9128M05 Datasheet HTML 8Page - TDK Electronics B43641A9128M05 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Long-life grade capacitors
Applications
Power supplies
Frequency converters
Uninterruptible power supplies
Medical appliances
Solar inverters
Features
Extremely high CV product, ultra compact
High reliability
High ripple current capability
Capacitors with all insulation versions pass the needle flame
test according to IEC 60695-11-5 for all flame exposure times
up to 120 s
RoHS-compatible
Construction
Charge/discharge-proof, polar
Aluminum case, insulated with PET sleeve without insulation
sheet at the can bottom
Snap-in solder pins to hold component in place on PC-board
Minus pole marking on case surface
Minus pole not insulated from case
Overload protection by safety vent on the base
Terminals
Standard version with 2 terminals,
2 lengths available: 6.3 and 4.5 mm
3 terminals to ensure correct insertion: length 4.5 mm
Snap-in capacitors
B43641
Ultra compact
105
°C
Preliminary Data
Page2of16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43641A9128M05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43640 TDK-B43640 Datasheet
620Kb / 20P
   Aluminum electrolytic capacitors Frequency converters
B43640A2108M0 TDK-B43640A2108M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2128M0 TDK-B43640A2128M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2158M0 TDK-B43640A2158M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2188M0 TDK-B43640A2188M0 Datasheet
620Kb / 20P
   Snap-in capacitors
More results

Similar Description - B43641A9128M05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com