Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43641A9827M05 Datasheet(PDF) 11 Page - TDK Electronics

Part # B43641A9827M05
Description  Snap-in capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43641A9827M05 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B43641A9827M05 Datasheet HTML 7Page - TDK Electronics B43641A9827M05 Datasheet HTML 8Page - TDK Electronics B43641A9827M05 Datasheet HTML 9Page - TDK Electronics B43641A9827M05 Datasheet HTML 10Page - TDK Electronics B43641A9827M05 Datasheet HTML 11Page - TDK Electronics B43641A9827M05 Datasheet HTML 12Page - TDK Electronics B43641A9827M05 Datasheet HTML 13Page - TDK Electronics B43641A9827M05 Datasheet HTML 14Page - TDK Electronics B43641A9827M05 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Product safety
The table below summarize the safety instructions that must be observed without fail. A detailed
description can be found in the relevant sections of chapter "General technical information".
Topic
Safety information
Reference
chapter "General
technical information"
Polarity
Make sure that polar capacitors are connected
with the right polarity.
1
"Basic construction of
aluminum electrolytic
capacitors"
Reverse voltage
Voltages of opposite polarity should be prevented
by connecting a diode.
3.1.6
"Reverse voltage"
Mounting
position of screw-
terminal capacitors
Screw terminal capacitors must not be mounted
with terminals facing down unless otherwise
specified.
11.1.
"Mounting positions of
capacitors with screw
terminals"
Robustness of
terminals
The following maximum tightening torques must
not be exceeded when connecting screw
terminals:
M5: 2.5 Nm
M6: 4.0 Nm
11.3
"Mounting torques"
Mounting of
single-ended
capacitors
The internal structure of single-ended capacitors
might be damaged if excessive force is applied to
the lead wires.
Avoid any compressive, tensile or flexural stress.
Do not move the capacitor after soldering to PC
board.
Do not pick up the PC board by the soldered
capacitor.
Do not insert the capacitor on the PC board with a
hole space different to the lead space specified.
11.4
"Mounting
considerations for
single-ended capacitors"
Soldering
Do not exceed the specified time or temperature
limits during soldering.
11.5
"Soldering"
Soldering,
cleaning agents
Do not allow halogenated hydrocarbons to come
into contact with aluminum electrolytic capacitors.
11.6
"Cleaning agents"
Upper category
temperature
Do not exceed the upper category temperature.
7.2
"Maximum permissible
operating temperature"
Passive
flammability
Avoid external energy, e.g. fire.
8.1
"Passive flammability"
B43641
Ultra compact
105
°C
Preliminary Data
Page 11 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43641A9827M05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43640 TDK-B43640 Datasheet
620Kb / 20P
   Aluminum electrolytic capacitors Frequency converters
B43640A2108M0 TDK-B43640A2108M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2128M0 TDK-B43640A2128M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2158M0 TDK-B43640A2158M0 Datasheet
620Kb / 20P
   Snap-in capacitors
B43640A2188M0 TDK-B43640A2188M0 Datasheet
620Kb / 20P
   Snap-in capacitors
More results

Similar Description - B43641A9827M05

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com