Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43642B2158M0 Datasheet(PDF) 11 Page - TDK Electronics

Part # B43642B2158M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43642B2158M0 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B43642B2158M0 Datasheet HTML 7Page - TDK Electronics B43642B2158M0 Datasheet HTML 8Page - TDK Electronics B43642B2158M0 Datasheet HTML 9Page - TDK Electronics B43642B2158M0 Datasheet HTML 10Page - TDK Electronics B43642B2158M0 Datasheet HTML 11Page - TDK Electronics B43642B2158M0 Datasheet HTML 12Page - TDK Electronics B43642B2158M0 Datasheet HTML 13Page - TDK Electronics B43642B2158M0 Datasheet HTML 14Page - TDK Electronics B43642B2158M0 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 400 V DC
120
22
× 25
830
220
1300
1.86
1.39
0.68
B43642A9127M0*#
150
22
× 30
660
170
970
2.19
1.63
0.80
B43642A9157M0*#
150
25
× 25
670
180
990
2.17
1.62
0.79
B43642B9157M0*#
180
22
× 35
550
140
810
2.50
1.86
0.92
B43642A9187M0*#
180
25
× 30
560
150
820
2.47
1.84
0.91
B43642B9187M0*#
220
22
× 40
450
120
670
2.92
2.17
1.07
B43642A9227M0*#
220
25
× 30
460
130
680
2.83
2.11
1.03
B43642B9227M0*#
220
30
× 25
450
120
670
3.17
2.35
1.15
B43642C9227M0*#
270
22
× 45
370
95
550
3.42
2.54
1.25
B43642A9277M0*#
270
25
× 35
370
100
560
3.29
2.45
1.20
B43642B9277M0*#
270
30
× 30
370
95
540
3.65
2.71
1.33
B43642C9277M0*#
330
22
× 50
300
80
450
4.01
2.98
1.47
B43642A9337M0*#
330
25
× 40
310
85
460
3.83
2.85
1.40
B43642B9337M0*#
330
30
× 30
270
75
380
4.15
3.08
1.51
B43642C9337M0*#
330
35
× 25
310
85
460
4.21
3.12
1.53
B43642D9337M0*#
390
25
× 45
260
75
390
4.36
3.24
1.59
B43642A9397M0*#
390
30
× 35
260
70
380
4.64
3.44
1.69
B43642B9397M0*#
390
35
× 30
260
70
380
4.75
3.53
1.82
B43642C9397M0*#
470
25
× 50
190
55
280
5.04
3.75
1.84
B43642A9477M0*#
470
30
× 40
210
55
320
5.31
3.94
2.03
B43642B9477M0*#
470
35
× 30
190
55
280
5.31
3.94
2.03
B43642C9477M0*#
560
30
× 45
180
45
270
6.03
4.48
2.31
B43642A9567M0*#
560
35
× 35
180
50
270
5.97
4.43
2.29
B43642B9567M0*#
680
30
× 50
130
36
190
6.99
5.18
2.68
B43642A9687M0*#
680
35
× 40
150
40
220
6.83
5.07
2.62
B43642B9687M0*#
820
35
× 45
110
34
160
7.83
5.81
3.00
B43642A9827M0*#
1000
35
× 55
100
30
160
9.07
6.73
3.48
B43642A9108M0*#
B43642
Ultra compact, high ripple current
105
°C
Page 11 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43642B2158M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43642 TDK-B43642 Datasheet
622Kb / 1P
   Aluminum electrolytic capacitors
More results

Similar Description - B43642B2158M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com