Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C31025-15TI Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C31025-15TI
Description  5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31025-15TI Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C31025-15TI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31025-15TI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31025-15TI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31025-15TI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31025-15TI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31025-15TI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31025-15TI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31025-15TI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31025-15TI Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2001
®
AS7C1025
AS7C31025
5V/3.3V 128Kx8 CMOS SRAM (Revolutionary pinout)
Copyright © Alliance Semiconductor. All rights reserved.
3/23/01; v.1.0
Alliance Semiconductor
P. 1 of 9
Features
• AS7C1025 (5V version)
• AS7C31025 (3.3V version)
• Industrial and commercial temperatures
• Organization: 131,072 words × 8 bits
• High speed
- 12/15/20 ns address access time
- 6,7,8 ns output enable access time
• Low power consumption: ACTIVE
- 715 mW (AS7C1025) / max @ 12 ns (5V)
- 360 mW (AS7C31025) / max @ 12 ns (3.3V)
• Low power consumption: STANDBY
- 27.5 mW (AS7C1025) / max CMOS (5V)
- 1.8 mW (AS7C31025) / max CMOS (3.3V)
• 2.0V data retention
• Easy memory expansion with CE, OE inputs
• Center power and ground
• TTL/LVTTL-compatible, three-state I/O
• JEDEC-standard packages
- 32-pin, 300 mil SOJ
- 32-pin, 400 mil SOJ
- 32-pin TSOP II
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 200 mA
Logic block diagram
512
×256×8
Array
(1,048,576)
Input buffer
I/O0
I/O7
OE
CE
WE
Column decoder
Control
circuit
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
Pin arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A16
A15
A14
A13
OE
I/O7
I/O6
GND
VCC
I/O5
I/O4
A12
A11
A10
A9
A8
A0
A1
A2
A3
CE
I/O0
I/O1
VCC
GND
I/O2
I/O3
WE
A4
A5
A6
A7
32-pin SOJ (300 mil)
32-pin SOJ (400 mil)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A0
A1
A2
A3
CE
I/O0
I/O1
VCC
GND
I/O2
I/O3
WE
A16
A15
A14
A13
OE
I/O7
I/O6
GND
VCC
I/O5
I/O4
A9
A8
A4
A5
A6
A7
A12
A11
A10
32-pin TSOP II
Selection guide
Shaded areas contain advance information.
AS7C1025-12
AS7C31025-12
AS7C1025-15
AS7C31025-15
AS7C1025-20
AS7C31025-20
Unit
Maximum address access time
12
15
20
ns
Maximum output enable access time
3
4
5
ns
Maximum operating current
AS7C1025
130
85
80
mA
AS7C31025
100
85
80
mA
Maximum CMOS standby current
AS7C1025
5
5
5
mA
AS7C31025
5
5
5
mA


Similar Part No. - AS7C31025-15TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31025A-10JC ALSC-AS7C31025A-10JC Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C31025A-10JI ALSC-AS7C31025A-10JI Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C31025A-10TC ALSC-AS7C31025A-10TC Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C31025A-10TI ALSC-AS7C31025A-10TI Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C31025A-10TJC ALSC-AS7C31025A-10TJC Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results

Similar Description - AS7C31025-15TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
logo
STMicroelectronics
M68AF127B STMICROELECTRONICS-M68AF127B Datasheet
373Kb / 23P
   1Mbit 128K x8, 5V Asynchronous SRAM
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com