Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1-1205S05A3 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RS1-1205S05A3
Description  DC/DC-Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS1-1205S05A3 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RS1-1205S05A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RS1-1205S05A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RS1-1205S05A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RS1-1205S05A3 Datasheet HTML 4Page - RSG Electronic Components GmbH RS1-1205S05A3 Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (5)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
INPUT Current
OUTPUT OUTPUT Current
Voltage Range
(Vdc)
No-Load
(mA)
Full Load
(mA)
Voltage
(Vdc)
Full load
(mA)
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
RD1-0303S05AX
3.3
20
205
3.3
152
76
100
RD1-0305S05AX
3.3
25
216
5
100
70
100
RD1-0307S05AX
3.3
25
216
7.2
69
70
100
RD1-0309S05AX
3.3
25
216
9
56
70
100
RD1-0312S05AX
3.3
25
201
12
42
72
100
RD1-0315S05AX
3.3
25
208
15
33
73
100
RD1-0318S05AX
3.3
25
208
18
28
73
100
RD1-0324S05AX
3.3
25
208
24
21
73
100
RD1-0503S05AX
5
16
132
3.3
151.5
76
100
RD1-0505S05AX
5
15
124
5
100
81
100
RD1-0507S05AX
5
15
134
7.2
69.44
75
100
RD1-0509S05AX
5
15
128
9
55.55
78
100
RD1-0512S05AX
5
18
127
12
41.67
79
100
RD1-0515S05AX
5
22
130
15
33.33
77
100
RD1-0518S05AX
5
20
127
18
27.77
79
100
RD1-0524S05AX
5
25
134
24
20.83
75
100
RD1-1203S05AX
12
15
58
3.3
151.5
73
100
RD1-1205S05AX
12
12
54
5
100
78
100
RD1-1207S05AX
12
15
57
7.2
69.44
73
100
RD1-1209S05AX
12
15
58
9
55.56
73
100
RD1-1212S05AX
12
20
58
12
41.67
72
100
RD1-1215S05AX
12
20
61
15
33.33
69
100
RD1-1218S05AX
12
15
61
18
27.77
68
100
RD1-1224S05AX
12
15
59
24
20.83
71
100
RD1-1503S05AX
15
10
44
3.3
151.5
75
100
RD1-1505S05AX
15
8
43
5
100
78
100
RD1-1507S05AX
15
12
44
7.2
69.44
75
100
RD1-1509S05AX
15
12
44
9
55.55
75
100
RD1-1512S05AX
15
10
44
12
41.67
77
100
RD1-1515S05AX
15
15
48
15
33.33
70
100
RD1-1518S05AX
15
12
51
18
27.77
66
100
RD1-1524S05AX
15
10
51
24
20.83
66
100
RD1-2403S05AX
24
8
31
3.3
151.5
69
100
RD1-2405S05AX
24
10
29
5
100
74
100
RD1-2407S05AX
24
10
31
7.2
69.44
69
100
RD1-2409S05AX
24
10
30
9
55.55
71
100
RD1-2412S05AX
24
10
31
12
41.67
69
100
RD1-2415S05AX
24
9
31
15
33.33
69
100
RD1-2418S05AX
24
10
29
18
27.77
73
100
RD1-2424S05AX
24
10
29
24
20.83
72
100
Suffix “3” means 3 KVdc isolation
DC/DC-Converter
0.5W unregulated
Single Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RS1-1205S05A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS1-1205S02AX RSG-RS1-1205S02AX Datasheet
1Mb / 5P
   DC/DC-Converter
More results

Similar Description - RS1-1205S05A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com