Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX1050GVIO Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IFX1050GVIO
Description  High Speed CAN-Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX1050GVIO Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IFX1050GVIO Datasheet HTML 5Page - Infineon Technologies AG IFX1050GVIO Datasheet HTML 6Page - Infineon Technologies AG IFX1050GVIO Datasheet HTML 7Page - Infineon Technologies AG IFX1050GVIO Datasheet HTML 8Page - Infineon Technologies AG IFX1050GVIO Datasheet HTML 9Page - Infineon Technologies AG IFX1050GVIO Datasheet HTML 10Page - Infineon Technologies AG IFX1050GVIO Datasheet HTML 11Page - Infineon Technologies AG IFX1050GVIO Datasheet HTML 12Page - Infineon Technologies AG IFX1050GVIO Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
IFX1050GVIO
Electrical Characteristics
Data Sheet
9
Rev. 1.0, 2011-04-08
Bus Transmitter
CANL/CANH recessive output voltage
V
CANL/H
0.4
×
V
CC
–0.6
×
V
CC
V
V
TxD = V33V
CANH, CANL recessive output voltage
difference
V
diff = VCANH - VCANL, no load
2)
V
diff
-1
0.05
V
V
TxD = V33V
CANL dominant output voltage
V
CANL
––
2.0
V
V
TxD = 0 V;
V
CC = 5 V
CANH dominant output voltage
V
CANH
2.8
––V
V
TxD = 0 V;
V
CC = 5 V
CANH, CANL dominant output voltage
difference
V
diff = VCANH - VCANL
V
diff
1.5
3.0
V
V
TxD = 0 V;
V
CC = 5 V
CANL short circuit current
I
CANLsc
50
120
200
mA
V
CANLshort = 18 V
–150
mA
V
CANLshort = 36 V
CANH short circuit current
I
CANHsc
-200
-120
-50
mA
V
CANHshort = 0 V
CANH short circuit current
I
CANHsc
–-120
mA
V
CANHshort = -5 V
Output current
I
CANH/L,lk
-50
-300
-400
μA
V
CC = 0 V,
V
CANH = VCANL = -7 V
-50
-100
-150
μA
V
CC = 0 V,
V
CANH = VCANL = -2 V
Output current
I
CANH/L,lk
50
280
400
μA
V
CC = 0 V,
V
CANH = VCANL = 7 V
50
100
150
μA
V
CC = 0 V,
V
CANH = VCANL = 2 V
Table 4
Electrical Characteristics (cont’d)
4.5 V <
V
CC < 5.5 V; 3.0 V < V33V < 5.5 V RL = 60 Ω; VINH < VINH,ON; -40 °C < Tj < 125 °C; all voltages with respect
to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.


Similar Part No. - IFX1050GVIO

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
More results

Similar Description - IFX1050GVIO

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com