Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43634A2397M0 Datasheet(PDF) 10 Page - TDK Electronics

Part # B43634A2397M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43634A2397M0 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B43634A2397M0 Datasheet HTML 6Page - TDK Electronics B43634A2397M0 Datasheet HTML 7Page - TDK Electronics B43634A2397M0 Datasheet HTML 8Page - TDK Electronics B43634A2397M0 Datasheet HTML 9Page - TDK Electronics B43634A2397M0 Datasheet HTML 10Page - TDK Electronics B43634A2397M0 Datasheet HTML 11Page - TDK Electronics B43634A2397M0 Datasheet HTML 12Page - TDK Electronics B43634A2397M0 Datasheet HTML 13Page - TDK Electronics B43634A2397M0 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 250 V DC
270
22
× 25
280
95
400
2.56
1.44
B43634E2277M0*#
330
22
× 30
230
75
330
2.97
1.66
B43634E2337M0*#
330
25
× 25
240
85
340
2.89
1.62
B43634F2337M0*#
390
22
× 35
200
65
280
3.38
1.90
B43634E2397M0*#
390
25
× 30
200
70
280
3.29
1.85
B43634F2397M0*#
470
22
× 40
160
55
230
3.89
2.18
B43634E2477M0*#
470
25
× 30
170
65
240
3.66
2.05
B43634F2477M0*#
560
22
× 40
140
50
200
4.38
2.45
B43634E2567M0*#
560
25
× 35
140
50
200
4.18
2.34
B43634F2567M0*#
560
30
× 25
160
75
240
3.75
2.10
B43634G2567M0*#
680
22
× 50
110
38
160
5.16
2.89
B43634E2687M0*#
680
25
× 40
120
45
170
4.83
2.71
B43634F2687M0*#
680
30
× 30
130
60
190
4.38
2.45
B43634G2687M0*#
680
35
× 25
150
75
220
4.05
2.27
B43634H2687M0*#
820
25
× 45
100
38
140
5.54
3.10
B43634E2827M0*#
820
30
× 35
110
45
160
5.04
2.83
B43634F2827M0*#
820
35
× 30
120
60
180
4.75
2.84
B43634G2827M0*#
1000
25
× 50
80
32
120
6.41
3.59
B43634E2108M0*#
1000
30
× 40
90
40
130
5.79
3.45
B43634F2108M0*#
1000
35
× 30
110
60
160
4.98
2.97
B43634G2108M0*#
1200
30
× 45
75
34
110
6.57
3.92
B43634E2128M0*#
1200
35
× 35
85
50
130
5.74
3.42
B43634F2128M0*#
1500
30
× 50
60
30
95
7.58
4.51
B43634E2158M0*#
1500
35
× 40
70
40
110
6.59
3.93
B43634F2158M0*#
1800
35
× 45
60
36
95
7.42
4.42
B43634E2188M0*#
2200
35
× 55
50
28
75
8.82
5.26
B43634E2228M0*#
B43634
Long useful life, ultra compact
85
°C
Page 10 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43634A2397M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634 Datasheet
619Kb / 1P
   Aluminum electrolytic capacitors
More results

Similar Description - B43634A2397M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com