Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM146 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM146
Description  Programmable Quad Operational Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM146 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM146 Datasheet HTML 1Page - National Semiconductor (TI) LM146 Datasheet HTML 2Page - National Semiconductor (TI) LM146 Datasheet HTML 3Page - National Semiconductor (TI) LM146 Datasheet HTML 4Page - National Semiconductor (TI) LM146 Datasheet HTML 5Page - National Semiconductor (TI) LM146 Datasheet HTML 6Page - National Semiconductor (TI) LM146 Datasheet HTML 7Page - National Semiconductor (TI) LM146 Datasheet HTML 8Page - National Semiconductor (TI) LM146 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DC Electrical Characteristics (Continued)
(V
S= ±15V, ISET=10 µA), (Note 4)
Parameter
Conditions
LM146
LM346
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Current
V
CM=0V
2
25
2
100
nA
Input Bias Current
V
CM=0V
50
100
50
250
nA
Supply Current (4 Op Amps)
1.7
2.2
1.7
2.5
mA
Large Signal Voltage Gain
R
L=10 kΩ, ∆VOUT= ±10V
50
1000
25
1000
V/mV
Input CM Range
±13.5
±14
±13.5
±14
V
CM Rejection Ratio
R
S≤50Ω
70
100
70
100
dB
Power Supply Rejection Ratio
R
S≤50Ω,
76
100
74
100
dB
V
S = ±5V to ±15V
Output Voltage Swing
R
L≥10 kΩ
±12
±14
±12
±14
V
DC Electrical Characteristic
(V
S= ±15V, ISET=10 µA)
Parameter
Conditions
LM146
LM346
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
V
CM=0V, RS≤50Ω,
0.5
5
0.5
7
mV
T
A=25˚C
Input Bias Current
V
CM=0V, TA=25˚C
7.5
20
7.5
100
nA
Supply Current (4 Op Amps)
T
A=25˚C
140
250
140
300
µA
Gain Bandwidth Product
T
A=25˚C
80
100
50
100
kHz
DC Electrical Characteristics
(V
S= ±1.5V, ISET=10 µA)
Parameter
Conditions
LM146
LM346
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
V
CM=0V, RS≤50Ω,
0.5
5
0.5
7
mV
T
A=25˚C
Input CM Range
T
A=25˚C
±0.7
±0.7
V
CM Rejection Ratio
R
S≤50Ω,TA=25˚C
80
80
dB
Output Voltage Swing
R
L≥10 kΩ,TA=25˚C
±0.6
±0.6
V
Note 1: For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
Note 2: The maximum power dissipation for these devices must be derated at elevated temperatures and is dictated by TjMAX, θjA, and the ambient temperature,
TA. The maximum available power dissipation at any temperature is Pd=(TjMAX -TA)/θjA or the 25˚C PdMAX, whichever is less.
Note 3: Any of the amplifier outputs can be shorted to ground indefinitely; however, more than one should not be simultaneously shorted as the maximum junction
temperature will be exceeded.
Note 4: These specifications apply over the absolute maximum operating temperature range unless otherwise noted.
Note 5: Refer to RETS146X for LM146J military specifications.
www.national.com
4


Similar Part No. - LM146

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146 Datasheet
143Kb / 9P
   PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
November 1997
LM146 STMICROELECTRONICS-LM146 Datasheet
149Kb / 4P
   PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM146 TI1-LM146 Datasheet
1Mb / 24P
[Old version datasheet]   Programmable Quad Operational Amplifiers
logo
STMicroelectronics
LM146D STMICROELECTRONICS-LM146D Datasheet
143Kb / 9P
   PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
November 1997
LM146N STMICROELECTRONICS-LM146N Datasheet
143Kb / 9P
   PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
November 1997
More results

Similar Description - LM146

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM146 TI1-LM146_15 Datasheet
1Mb / 24P
[Old version datasheet]   Programmable Quad Operational Amplifiers
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146_03 Datasheet
149Kb / 4P
   PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
LM146 STMICROELECTRONICS-LM146 Datasheet
143Kb / 9P
   PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
November 1997
logo
National Semiconductor ...
LM346 NSC-LM346 Datasheet
1Mb / 24P
   LM146/LM346 Programmable Quad Operational Amplifiers
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
   Quad Operational Amplifiers
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324_08 Datasheet
114Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
2008 - Ver. 1.0
logo
Siemens Semiconductor G...
TAA4765 SIEMENS-TAA4765 Datasheet
155Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324_11 Datasheet
210Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com