Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2-2409S20D1WR Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RT2-2409S20D1WR
Description  2W fixed input voltage isolated & regulated single output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT2-2409S20D1WR Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RT2-2409S20D1WR Datasheet HTML 1Page - RSG Electronic Components GmbH RT2-2409S20D1WR Datasheet HTML 2Page - RSG Electronic Components GmbH RT2-2409S20D1WR Datasheet HTML 3Page - RSG Electronic Components GmbH RT2-2409S20D1WR Datasheet HTML 4Page - RSG Electronic Components GmbH RT2-2409S20D1WR Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 1 (5)
DC/DC-Converter
2W fixed input voltage
isolated & regulated single output
we energize electronics!
an acal group company
we energize electronics!
SMD-DIP 8 Package
• Operating temperature range: -40°C to +105°C
• High efficiency up to 84%
• Miniature SMD package
• Isolation voltage: 1.5KVDC
• Internal surface mounted design
• No external component required
• International standard pin-out
RT2-S20D1WR Series
RSG Electronic Components
Sprendlinger Ldstr. 115 63069 Offenbach phone: +49 69/984047-0 info@rsg-electronic.de
2W
, Fixed input voltage, isolated & unregulated single output,
DC/DC-Converter
Ï
Patent Protection Ï RoHS
Ï
Operating temperature range: -40℃ to +105℃
Ï
High efficiency up to 84%
Ï
Miniature SMD package
Ï
Isolation voltage: 1.5K VDC
Ï
Internal surface mounted design
Ï
No external component required
Ï
International standard pin-out
RT2-S20D1WR series are specially designed for applications where an isolated voltage is required in a distributed power supply system.
They are suitable for:
1.
Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.
Where isolation between input and output is necessary (isolation voltage ≤1500VDC);
3.
Where the output voltage regulation and the ripple & noise of the output voltage is not strictly required;
4.
Typical application: preceding-stage interference isolation condition; ground-interference canceled condition; digit circuit condition;
Voltage-isolation converting condition; normal low-frequency artificial circuit condition; relay drive circuit condition, etc.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency (%,Min./Typ.)
@ Full Load
Max. Capacitive Load
(µF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
RT2-0503S20D1WR
5
(4.5-5.5)
3.3
400/40
74/78
220
RT2-0505S20D1WR
5
400/40
75/79
RT2-0509S20D1WR
9
222/22
78/82
RT2-0512S20D1WR
12
167/17
78/82
RT2-0515S20D1WR
15
133/13
79/83
RT2-1205S20D1WR
12
(10.8-13.2)
5
400/40
75/79
RT2-1209S20D1WR
9
222/22
78/82
RT2-1212S20D1WR
12
167/17
78/82
RT2-1215S20D1WR
15
133/13
79/83
RT2-1224S20D1WR
24
83/8
80/84
RT2-1515S20D1WR
15
(13.5-16.5)
15
133/13
79/83
RT2-2405S20D1WR
24
(21.6-26.4)
5
400/40
75/79
RT2-2409S20D1WR
9
222/22
78/82
RT2-2412S20D1WR
12
167/17
78/82
RT2-2415S20D1WR
15
133/13
79/83
RT2-2424S20D1WR
24
83/8
80/84
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current
(full load / no-load)
5V input
--
506/30
--/60
mA
12V input
--
212/25
--/50
15V input
--
169/18
--/35
24V input
--
105/15
--/30
Reflected Ripple Current
--
15
--
mA
Surge Voltage (1sec. max.)
5V input
-0.7
--
9
VDC
12V input
-0.7
--
18
15V input
-0.7
--
21
24V input
-0.7
--
30
Input Filter
Filter capacitor
Hot Plug
Unavailable
FEATURES:
RT2-S20D1WR Series
RSG Electronic Components
Sprendlinger Ldstr. 115 63069 Offenbach phone: +49 69/984047-0 info@rsg-electronic.de
2W
, Fixed input voltage, isolated & unregulated single output,
DC/DC-Converter
Ï
Patent Protection Ï RoHS
Ï
Operating temperature range: -40℃ to +105℃
Ï
High efficiency up to 84%
Ï
Miniature SMD package
Ï
Isolation voltage: 1.5K VDC
Ï
Internal surface mounted design
Ï
No external component required
Ï
International standard pin-out
RT2-S20D1WR series are specially designed for applications where an isolated voltage is required in a distributed power supply system.
They are suitable for:
1.
Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.
Where isolation between input and output is necessary (isolation voltage ≤1500VDC);
3.
Where the output voltage regulation and the ripple & noise of the output voltage is not strictly required;
4.
Typical application: preceding-stage interference isolation condition; ground-interference canceled condition; digit circuit condition;
Voltage-isolation converting condition; normal low-frequency artificial circuit condition; relay drive circuit condition, etc.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency (%,Min./Typ.)
@ Full Load
Max. Capacitive Load
(µF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
RT2-0503S20D1WR
5
(4.5-5.5)
3.3
400/40
74/78
220
RT2-0505S20D1WR
5
400/40
75/79
RT2-0509S20D1WR
9
222/22
78/82
RT2-0512S20D1WR
12
167/17
78/82
RT2-0515S20D1WR
15
133/13
79/83
RT2-1205S20D1WR
12
(10.8-13.2)
5
400/40
75/79
RT2-1209S20D1WR
9
222/22
78/82
RT2-1212S20D1WR
12
167/17
78/82
RT2-1215S20D1WR
15
133/13
79/83
RT2-1224S20D1WR
24
83/8
80/84
RT2-1515S20D1WR
15
(13.5-16.5)
15
133/13
79/83
RT2-2405S20D1WR
24
(21.6-26.4)
5
400/40
75/79
RT2-2409S20D1WR
9
222/22
78/82
RT2-2412S20D1WR
12
167/17
78/82
RT2-2415S20D1WR
15
133/13
79/83
RT2-2424S20D1WR
24
83/8
80/84
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current
(full load / no-load)
5V input
--
506/30
--/60
mA
12V input
--
212/25
--/50
15V input
--
169/18
--/35
24V input
--
105/15
--/30
Reflected Ripple Current
--
15
--
mA
Surge Voltage (1sec. max.)
5V input
-0.7
--
9
VDC
12V input
-0.7
--
18
15V input
-0.7
--
21
24V input
-0.7
--
30
Input Filter
Filter capacitor
Hot Plug
Unavailable
FEATURES:
RT2-S20D1WR Series
RSG Electronic Components
Sprendlinger Ldstr. 115 63069 Offenbach phone: +49 69/984047-0 info@rsg-electronic.de
2W
, Fixed input voltage, isolated & unregulated single output,
DC/DC-Converter
Ï
Patent Protection Ï RoHS
Ï
Operating temperature range: -40℃ to +105℃
Ï
High efficiency up to 84%
Ï
Miniature SMD package
Ï
Isolation voltage: 1.5K VDC
Ï
Internal surface mounted design
Ï
No external component required
Ï
International standard pin-out
RT2-S20D1WR series are specially designed for applications where an isolated voltage is required in a distributed power supply system.
They are suitable for:
1.
Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.
Where isolation between input and output is necessary (isolation voltage ≤1500VDC);
3.
Where the output voltage regulation and the ripple & noise of the output voltage is not strictly required;
4.
Typical application: preceding-stage interference isolation condition; ground-interference canceled condition; digit circuit condition;
Voltage-isolation converting condition; normal low-frequency artificial circuit condition; relay drive circuit condition, etc.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency (%,Min./Typ.)
@ Full Load
Max. Capacitive Load
(µF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
RT2-0503S20D1WR
5
(4.5-5.5)
3.3
400/40
74/78
220
RT2-0505S20D1WR
5
400/40
75/79
RT2-0509S20D1WR
9
222/22
78/82
RT2-0512S20D1WR
12
167/17
78/82
RT2-0515S20D1WR
15
133/13
79/83
RT2-1205S20D1WR
12
(10.8-13.2)
5
400/40
75/79
RT2-1209S20D1WR
9
222/22
78/82
RT2-1212S20D1WR
12
167/17
78/82
RT2-1215S20D1WR
15
133/13
79/83
RT2-1224S20D1WR
24
83/8
80/84
RT2-1515S20D1WR
15
(13.5-16.5)
15
133/13
79/83
RT2-2405S20D1WR
24
(21.6-26.4)
5
400/40
75/79
RT2-2409S20D1WR
9
222/22
78/82
RT2-2412S20D1WR
12
167/17
78/82
RT2-2415S20D1WR
15
133/13
79/83
RT2-2424S20D1WR
24
83/8
80/84
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current
(full load / no-load)
5V input
--
506/30
--/60
mA
12V input
--
212/25
--/50
15V input
--
169/18
--/35
24V input
--
105/15
--/30
Reflected Ripple Current
--
15
--
mA
Surge Voltage (1sec. max.)
5V input
-0.7
--
9
VDC
12V input
-0.7
--
18
15V input
-0.7
--
21
24V input
-0.7
--
30
Input Filter
Filter capacitor
Hot Plug
Unavailable
FEATURES:
RoHS


Similar Part No. - RT2-2409S20D1WR

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT2-2405S20D3WR RSG-RT2-2405S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
More results

Similar Description - RT2-2409S20D1WR

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
2S7A-1RP GAPTEC-2S7A-1RP Datasheet
811Kb / 3P
   2W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
logo
RSG Electronic Componen...
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503T-2W MORNSUN-B0503T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
logo
RSG Electronic Componen...
RT3-R10D1WR RSG-RT3-R10D1WR Datasheet
650Kb / 4P
   1W, fixed input voltage isolated & regulated single output
RT3-R10D3WR RSG-RT3-R10D3WR Datasheet
653Kb / 4P
   1W, fixed input voltage isolated & regulated single output
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
2D16WA GAPTEC-2D16WA Datasheet
745Kb / 3P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
2S9W4 GAPTEC-2S9W4 Datasheet
1Mb / 5P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
2S8W-2RP GAPTEC-2S8W-2RP Datasheet
961Kb / 3P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
2S8W GAPTEC-2S8W Datasheet
849Kb / 4P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com