Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2-2405S20D3WR Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RT2-2405S20D3WR
Description  2W, fixed input voltage isolated & unregulated single output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT2-2405S20D3WR Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RT2-2405S20D3WR Datasheet HTML 1Page - RSG Electronic Components GmbH RT2-2405S20D3WR Datasheet HTML 2Page - RSG Electronic Components GmbH RT2-2405S20D3WR Datasheet HTML 3Page - RSG Electronic Components GmbH RT2-2405S20D3WR Datasheet HTML 4Page - RSG Electronic Components GmbH RT2-2405S20D3WR Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (5)
RT2-S20D3WR Series
RSG Electronic Components
Sprendlinger Ldstr. 115 63069 Offenbach phone: +49 69/984047-0 info@rsg-electronic.de
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope curve(Fig. 1)
Line Regulation
Input voltage change: ±1%
--
--
±1.2
--
Load Regulation
10%-100% load
5VDC output
--
12
--
%
9VDC output
--
9
--
12VDC output
--
8
--
15VDC output
--
7
--
24VDC output
--
6
--
Ripple & Noise*
20MHz bandwidth
--
100
200
mVp-p
Temperature Coefficient
Full load
--
--
±0.03
%/℃
Short Circuit Protection**
--
--
1
s
Note: *Ripple and noise are measured by parallel cable method, please see DC-DC Converter Application Notes for specific operation;
** supply voltage must be discontinued at the end of short circuit duration.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1 minute and the leak
current lower than 1mA
3000
--
--
VDC
Isolation Resistance
Input-output, isolation voltage 500VDC
1000
--
--
M
©
Isolation Capacitance
Input-output, 100KHz/0.1V
--
20
--
pF
Operating Temperature
5V output
Derating if the temperature
e71°C,
(see Fig. 2)
-40
--
105
Other output
Derating if the temperature
e85°C,
(see Fig. 2)
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta=25℃, nominal input, full load output
--
25
--
Pin Welding Resistance Temperature
Welding spot is 1.5mm away from the casing, 10 seconds
--
--
300
Storage Humidity
Non-condensing
--
--
95
%RH
Reflow Soldering Temperature
Peak temp.≤245℃, maximum duration
time≤60s at 217℃.
For actual application, please refer to
IPC/JEDEC J-STD-020D.1.
Switching Frequency
Full load, nominal input voltage
--
100
--
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Physical Specifications
Casing Material
Epoxy resin (UL94-V0)
Dimensions
12.70*11.20*7.25 mm
Weight
1.6g(Typ.)
Cooling Method
Free convection
EMC Specifications
EMI
RE
CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit)
EMS
ESD
IEC/EN61000-4-2
Contact ±8KV perf. Criteria B
DC/DC-Converter
2W, fixed input voltage
isolated & unregulated single output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RT2-2405S20D3WR

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT2-2405S20D1WR RSG-RT2-2405S20D1WR Datasheet
716Kb / 5P
   2W fixed input voltage isolated & regulated single output
More results

Similar Description - RT2-2405S20D3WR

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0503T-2W MORNSUN-B0503T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
2D14B-1U GAPTEC-2D14B-1U Datasheet
936Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
logo
MORNSUN Science& Techno...
A0505S-2WR2 MORNSUN-A0505S-2WR2 Datasheet
811Kb / 5P
   2W, FIXED INPUT, ISOLATED & UNREGULATED
logo
GAPTEC Electronic GmbH ...
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
MORNSUN Science& Techno...
A_S-2WR3 MORNSUN-A_S-2WR3 Datasheet
1Mb / 5P
   2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output
2021.09.23-A/4
E_S-2WR3 MORNSUN-E_S-2WR3 Datasheet
1Mb / 5P
   2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output
2021.03.17
logo
GAPTEC Electronic GmbH ...
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
   2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com