Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT3-1212R10D1WR2 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RT3-1212R10D1WR2
Description  1W, fixed input voltage isolated & regulated single output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT3-1212R10D1WR2 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RT3-1212R10D1WR2 Datasheet HTML 1Page - RSG Electronic Components GmbH RT3-1212R10D1WR2 Datasheet HTML 2Page - RSG Electronic Components GmbH RT3-1212R10D1WR2 Datasheet HTML 3Page - RSG Electronic Components GmbH RT3-1212R10D1WR2 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RT3-S10D1WR Series
RSG Electronic Components
Sprendlinger Ldstr. 115 63069 Offenbach phone: +49 69/984047-0 info@rsg-electronic.de
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1 minute and
the leak current lower than 1mA
1500
--
--
VDC
Isolation Resistance
Input-output, isolationn voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
20
--
pF
Operating Temperature
Derating when operating temperature up to
71℃, (see Fig. 1)
-40
--
85
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta =25℃
--
25
--
Pin Welding Resistance Temperature
Welding spot is 1.5mm away from the casing, 10
seconds
--
--
300
Reflow Soldering Temperature
Peak temp.≤245℃, maximum duration time≤60s
at 217℃. For actual application, please refer to
IPC/JEDEC J-STD-020D.1.
Storage Humidity
Non-condensing
--
--
95
%
Switching Frequency
100% load, nominal input voltage
--
100
300
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Physical Specifications
Casing Material
Black flame-retardant heat-proof epoxy resin (UL94-V0)
Package Dimensions
15.24*11.20*7.25 mm
Weight
2.0g (Typ.)
Cooling Method
Free air convection
EMC Specifications
EMI
Conducted disturbance
CISPR22/EN55022 CLASS B (see Fig. 3 for recommended circuit)
Radiated emission
CISPR22/EN55022 CLASS B (see Fig. 3 for recommended circuit)
EMS
Electrostatic discharge
IEC/EN61000-4-2
Contact ±6KV
perf. Criteria B
Product Characteristic Curve
120
100
80
60
40
20
0
-40
0
40
85
120
Am bient Te mp .( )
Safe Op erating Area
Temperature Derating Grap h
71
Fig. 1
IB0505XT-1WR2
50
55
60
65
70
75
80
85
90
95
100
Input Voltage(V)
Efficiency VsInput Voltage(Full Load)
IB0505XT-1WR2
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency VsOutput Load(Vin=5V)
RT3-0505S10D1WR
RT3-0505S10D1WR
DC/DC-Converter
1W, fixed input voltage
isolated & regulated single output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RT3-1212R10D1WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT3-1212R10D3WR RSG-RT3-1212R10D3WR Datasheet
653Kb / 4P
   1W, fixed input voltage isolated & regulated single output
More results

Similar Description - RT3-1212R10D1WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT3-R10D3WR RSG-RT3-R10D3WR Datasheet
653Kb / 4P
   1W, fixed input voltage isolated & regulated single output
logo
GAPTEC Electronic GmbH ...
1S7A-R GAPTEC-1S7A-R Datasheet
604Kb / 3P
   1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
logo
RSG Electronic Componen...
RT4-D10D1WR RSG-RT4-D10D1WR Datasheet
697Kb / 5P
   1W fixed input voltage isolated & un regulated dual output
logo
GAPTEC Electronic GmbH ...
1S7BE GAPTEC-1S7BE Datasheet
971Kb / 4P
   1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
logo
MORNSUN Science& Techno...
IF_S-1WR3 MORNSUN-IF_S-1WR3 Datasheet
1Mb / 4P
   1W isolated DC-DC converter Fixed input voltage, regulated single output
2021.12.28
logo
GAPTEC Electronic GmbH ...
1T12CW GAPTEC-1T12CW Datasheet
890Kb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IF0505S-1W MORNSUN-IF0505S-1W Datasheet
504Kb / 4P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
   1W fixed input voltage isolated & unregulated single output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com