Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2-1215S20D3WR Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RT2-1215S20D3WR
Description  2W, fixed input voltage isolated & unregulated single output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT2-1215S20D3WR Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RT2-1215S20D3WR Datasheet HTML 1Page - RSG Electronic Components GmbH RT2-1215S20D3WR Datasheet HTML 2Page - RSG Electronic Components GmbH RT2-1215S20D3WR Datasheet HTML 3Page - RSG Electronic Components GmbH RT2-1215S20D3WR Datasheet HTML 4Page - RSG Electronic Components GmbH RT2-1215S20D3WR Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (5)
RT2-S20D3WR Series
RSG Electronic Components
Sprendlinger Ldstr. 115 63069 Offenbach phone: +49 69/984047-0 info@rsg-electronic.de
Product Characteristic Curve
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
+15%
100%
Typ1
Min.
Ma x.
-7.5%
-2.5%
+2.5%
Output Current Perc ent(%)
(Nomina l Input Volta ge )
Tolera nce Envelope Curve
Fig. 1
120
100
80
60
40
20
0
-40
0
40
71
105
Amb ient Temp .( )
Sa fe O pe ra ting Area
Te mpera ture Dera ting Curve
85
50
5V output
O ther output
Fig. 2
F0505XT-2WR2
50
55
60
65
70
75
80
85
90
95
100
4.5 4.6 4.7 4.8 4.9 5 5.1 5.2 5.3 5.4 5.5
Input Voltage(V)
Efficiency VsInput Voltage (Full Load)
F0505XT-2WR2
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency VsOutput Load(Vin=5V)
F1212XT-2WR2
50
55
60
65
70
75
80
85
90
95
100
10.8 11.0 11.3 11.8 12.0 12.2 12.5 12.8 13.0 13.2
Input Voltage(V)
Efficiency VsInput Voltage (Full Load)
F1212XT-2WR2
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency VsOutput Load(Vin=12V)
RT2-0505S20D3WR
RT2-0505S20D3WR
RT2-1212S20D3WR
RT2-1212S20D3WR
DC/DC-Converter
2W, fixed input voltage
isolated & unregulated single output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RT2-1215S20D3WR

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT2-1215S20D1WR RSG-RT2-1215S20D1WR Datasheet
716Kb / 5P
   2W fixed input voltage isolated & regulated single output
More results

Similar Description - RT2-1215S20D3WR

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0503T-2W MORNSUN-B0503T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
2D14B-1U GAPTEC-2D14B-1U Datasheet
936Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
logo
MORNSUN Science& Techno...
A0505S-2WR2 MORNSUN-A0505S-2WR2 Datasheet
811Kb / 5P
   2W, FIXED INPUT, ISOLATED & UNREGULATED
logo
GAPTEC Electronic GmbH ...
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
MORNSUN Science& Techno...
A_S-2WR3 MORNSUN-A_S-2WR3 Datasheet
1Mb / 5P
   2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output
2021.09.23-A/4
E_S-2WR3 MORNSUN-E_S-2WR3 Datasheet
1Mb / 5P
   2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output
2021.03.17
logo
GAPTEC Electronic GmbH ...
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
   2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com