Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT4-0315D10D1WR Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RT4-0315D10D1WR
Description  1W fixed input voltage isolated & un regulated dual output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT4-0315D10D1WR Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RT4-0315D10D1WR Datasheet HTML 1Page - RSG Electronic Components GmbH RT4-0315D10D1WR Datasheet HTML 2Page - RSG Electronic Components GmbH RT4-0315D10D1WR Datasheet HTML 3Page - RSG Electronic Components GmbH RT4-0315D10D1WR Datasheet HTML 4Page - RSG Electronic Components GmbH RT4-0315D10D1WR Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 1 (5)
RT4-D10D1WR Series
RSG Electronic Components
Sprendlinger Ldstr. 115 63069 Offenbach phone: +49 69/984047-0 info@rsg-electronic.de
1W, fixed input voltage, isolated & unregulated dual output DC/DC-Converter
Ï Patent Protection Ï RoHS
RT4-D10D1WR series are specially designed for applications where an isolated voltage is required in a distributed power supply system.
They are suitable for:
1. Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2. Where isolation between input and output is necessary (isolation voltage ≤1500VDC);
3. Where the output voltage regulation is not strictly required;
4. Typical application: preceding-stage interference isolation condition; ground-interference canceled condition; digit circuit condition;
Voltage-isolation converting condition; normal low-frequency artificial circuit condition; relay drive circuit condition, etc.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@ Full Load
Max. Capacitive
Load
(µF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
RT4-0305D10D1WR
3.3
(2.97-3.63)
±5
±100/±10
72/76
100
RT4-0312D10D1WR
±12
±42/±5
73/77
RT4-0315D10D1WR
±15
±33/±3
74/78
RT4-0505D10D1WR
5
(4.5-5.5)
±5
±100/±10
76/80
RT4-0509D10D1WR
±9
±56/±6
76/80
RT4-0512D10D1WR
±12
±42/±5
75/79
RT4-0515D10D1WR
±15
±33/±3
77/81
RT4-0524D10D1WR
±24
±21/±2
77/81
RT4-1205D10D1WR
12
(10.8-13.2)
±5
±100/±10
76/80
RT4-1209D10D1WR
±9
±56/±6
76/80
RT4-1212D10D1WR
±12
±42/±5
77/81
RT4-1215D10D1WR
±15
±33/±3
77/81
RT4-1224D10D1WR
±24
±21/±2
77/81
RT4-1515D10D1WR
15
(13.5-16.5)
±15
±33/±3
77/81
RT4-2405D10D1WR
24
(21.6-26.4)
±5
±100/±10
76/80
RT4-2409D10D1WR
±9
±56/±6
76/80
RT4-2412D10D1WR
±12
±42/±5
77/81
RT4-2415D10D1WR
±15
±33/±3
78/82
RT4-2424D10D1WR
±24
±21/±2
74/80
Note: *The capacitive loads of positive and negative outputs are identical.
Ï Operating temperature range: -40℃ to +105℃
Ï High efficiency up to 82%
Ï Miniature SMD package
Ï Isolation voltage: 1.5K VDC
Ï Internal surface mounted design
Ï No external component required
Ï International standard pin-out
FEATURES:
DC/DC-Converter
1W fixed input voltage
isolated & un regulated dual output
we energize electronics!
an acal group company
we energize electronics!
SMD - DIP 10 Package
• Operating temperature range:
-40°C to +105°C
• High efficiency up to 82%
• Miniature SMD package
• Isolation voltage: 1.5K VDC
• Internal surface mounted design
• No external component required
• International standard pin-out
• Continuous Short Circuit Protection
RT4-D10D1WR Series
RSG Electronic Components
Sprendlinger Ldstr. 115 63069 Offenbach phone: +49 69/984047-0 info@rsg-electronic.de
1W, fixed input voltage, isolated & unregulated dual output DC/DC-Converter
Ï Patent Protection Ï RoHS
RT4-D10D1WR series are specially designed for applications where an isolated voltage is required in a distributed power supply system.
They are suitable for:
1. Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2. Where isolation between input and output is necessary (isolation voltage ≤1500VDC);
3. Where the output voltage regulation is not strictly required;
4. Typical application: preceding-stage interference isolation condition; ground-interference canceled condition; digit circuit condition;
Voltage-isolation converting condition; normal low-frequency artificial circuit condition; relay drive circuit condition, etc.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@ Full Load
Max. Capacitive
Load
(µF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
RT4-0305D10D1WR
3.3
(2.97-3.63)
±5
±100/±10
72/76
100
RT4-0312D10D1WR
±12
±42/±5
73/77
RT4-0315D10D1WR
±15
±33/±3
74/78
RT4-0505D10D1WR
5
(4.5-5.5)
±5
±100/±10
76/80
RT4-0509D10D1WR
±9
±56/±6
76/80
RT4-0512D10D1WR
±12
±42/±5
75/79
RT4-0515D10D1WR
±15
±33/±3
77/81
RT4-0524D10D1WR
±24
±21/±2
77/81
RT4-1205D10D1WR
12
(10.8-13.2)
±5
±100/±10
76/80
RT4-1209D10D1WR
±9
±56/±6
76/80
RT4-1212D10D1WR
±12
±42/±5
77/81
RT4-1215D10D1WR
±15
±33/±3
77/81
RT4-1224D10D1WR
±24
±21/±2
77/81
RT4-1515D10D1WR
15
(13.5-16.5)
±15
±33/±3
77/81
RT4-2405D10D1WR
24
(21.6-26.4)
±5
±100/±10
76/80
RT4-2409D10D1WR
±9
±56/±6
76/80
RT4-2412D10D1WR
±12
±42/±5
77/81
RT4-2415D10D1WR
±15
±33/±3
78/82
RT4-2424D10D1WR
±24
±21/±2
74/80
Note: *The capacitive loads of positive and negative outputs are identical.
Ï Operating temperature range: -40℃ to +105℃
Ï High efficiency up to 82%
Ï Miniature SMD package
Ï Isolation voltage: 1.5K VDC
Ï Internal surface mounted design
Ï No external component required
Ï International standard pin-out
FEATURES:
RoHS


Similar Part No. - RT4-0315D10D1WR

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT4-0312D10D3WR RSG-RT4-0312D10D3WR Datasheet
745Kb / 5P
   1W fixed input voltage isolated & unregulated dual output
More results

Similar Description - RT4-0315D10D1WR

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT3-R10D1WR RSG-RT3-R10D1WR Datasheet
650Kb / 4P
   1W, fixed input voltage isolated & regulated single output
RT3-R10D3WR RSG-RT3-R10D3WR Datasheet
653Kb / 4P
   1W, fixed input voltage isolated & regulated single output
logo
MORNSUN Science& Techno...
A0505XT-1WR3 MORNSUN-A0505XT-1WR3 Datasheet
660Kb / 4P
   1W, Fixed input voltage, isolated & unregulated dual output
logo
RSG Electronic Componen...
RT4-D10D3WR RSG-RT4-D10D3WR Datasheet
745Kb / 5P
   1W fixed input voltage isolated & unregulated dual output
logo
MORNSUN Science& Techno...
E0505XT-1WR3 MORNSUN-E0505XT-1WR3 Datasheet
664Kb / 4P
   1W, Fixed input voltage, isolated & unregulated dual output
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
1S7A-R GAPTEC-1S7A-R Datasheet
604Kb / 3P
   1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
logo
MORNSUN Science& Techno...
IF_S-1WR3 MORNSUN-IF_S-1WR3 Datasheet
1Mb / 4P
   1W isolated DC-DC converter Fixed input voltage, regulated single output
2021.12.28
logo
GAPTEC Electronic GmbH ...
1S7BE GAPTEC-1S7BE Datasheet
971Kb / 4P
   1W Single Output - Fixed Input - Isolated & Regulated SIP PACKAGE
logo
MORNSUN Science& Techno...
A0503S-1WR3 MORNSUN-A0503S-1WR3 Datasheet
649Kb / 5P
   1W, Fixed input voltage, isolated & unregulated dual/single output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com