Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT1-0303S10D1WR Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RT1-0303S10D1WR
Description  1W fixed input voltage isolated & unregulated single output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RT1-0303S10D1WR Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RT1-0303S10D1WR Datasheet HTML 1Page - RSG Electronic Components GmbH RT1-0303S10D1WR Datasheet HTML 2Page - RSG Electronic Components GmbH RT1-0303S10D1WR Datasheet HTML 3Page - RSG Electronic Components GmbH RT1-0303S10D1WR Datasheet HTML 4Page - RSG Electronic Components GmbH RT1-0303S10D1WR Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (5)
RT1-S10D1WR Series
RSG Electronic Components
• Sprendlinger Ldstr. 115 • 63069 Offenbach • phone: +49 69/984047-0 • info@rsg-electronic.de
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current
(full load / no-load)
3.3V input
--
404/25
--/70
mA
5V input
--
250/20
--/60
12V input
--
104/15
--/50
15V input
--
82/10
--/35
24V input
--
52/7
--/30
Reflected Ripple Current
--
15
--
mA
Surge Voltage (1sec. max.)
3.3V input
-0.7
--
5
VDC
5V input
-0.7
--
9
12V input
-0.7
--
18
15V input
-0.7
--
21
24V input
-0.7
--
30
Input Filter
Filter capacitor
Hot Plug
UnavailaRT1-le
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope graph (Fig. 1)
Line Regulation
Input voltage
change: ±1%
3.3VDC output
--
--
±1.5
--
Other outputs
--
--
±1.2
Load Regulation
10%-100% load
3.3VDC output
--
18
--
%
5VDC output
--
12
--
6VDC output
--
10
--
9VDC output
--
8
--
12VDC output
--
7
--
15VDC output
--
6
--
24VDC output
--
5
--
Ripple & Noise*
20MHz bandwidth
--
60
150
mVp-p
Temperature Coefficient
Full load
--
--
±0.03
%/℃
Short Circuit Protection**
RT1-03XXS10D1WR/RT1-24xxS10D1WR/ RT1-0524S10D1WR
--
--
1
s
Others
Continuous, self-recovery
Note: * Ripple and noise are measured by parallel cable method, please see DC-DC Converter Application Notes for specific operation;
** Supply voltage must be discontinued at the end of short circuit duration for RT1-S10D1WR series, and RT1-0524S10D1WR model.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1 minute and the
leak current lower than 1mA
1500
--
--
VDC
Isolation Resistance
Input-output, isolation voltage 500VDC
1000
--
--
M
©
Isolation Capacitance
Input-output, 100KHz/0.1V
--
20
--
pF
Operating Temperature
Derating if the temperature
e100℃ (see Fig. 2)
-40
--
105
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta=25℃, nominal input, full load output
--
25
--
Pin Welding Resistance
Temperature
Welding spot is 1.5mm away from the casing, 10
seconds
--
--
300
Storage Humidity
Non-condensing
--
--
95
%RH
Reflow Soldering Temperature
Peak temp.≤245℃, maximum duration time≤60s
at 217℃. For actual application, please refer to
IPC/JEDEC J-STD-020D.1.
Switching Frequency
Full load, nominal input voltage
--
100
--
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
DC/DC-Converter
1W fixed input voltage
isolated & unregulated single output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RT1-0303S10D1WR

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT1-5 ADAM-TECH-RT1-5 Datasheet
151Kb / 2P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT1-5 ADAM-TECH-RT1-5 Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
logo
TE Connectivity Ltd
RT1-DC TEC-RT1-DC Datasheet
336Kb / 3P
   Power PCB Relay RT1 DC and AC
logo
Adam Technologies, Inc.
RT1-XX ADAM-TECH-RT1-XX Datasheet
105Kb / 1P
   LOW PROFILE SMT SIGNAL RELAY
More results

Similar Description - RT1-0303S10D1WR

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LD-1WR2 MORNSUN-B0560LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0503S-1WR3 MORNSUN-B0503S-1WR3 Datasheet
771Kb / 5P
   1W, Fixed input voltage, isolated & unregulated single output
CF0505XT-1WR3 MORNSUN-CF0505XT-1WR3 Datasheet
600Kb / 3P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LS-1WR2 MORNSUN-B0560LS-1WR2 Datasheet
942Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503XT-1WR3 MORNSUN-F0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com