Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N4230A Datasheet(PDF) 6 Page - Keysight Technologies

Part # N4230A
Description  MIPI M-PHY Protocol Analyzer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N4230A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button N4230A Datasheet HTML 2Page - Keysight Technologies N4230A Datasheet HTML 3Page - Keysight Technologies N4230A Datasheet HTML 4Page - Keysight Technologies N4230A Datasheet HTML 5Page - Keysight Technologies N4230A Datasheet HTML 6Page - Keysight Technologies N4230A Datasheet HTML 7Page - Keysight Technologies N4230A Datasheet HTML 8Page - Keysight Technologies N4230A Datasheet HTML 9Page - Keysight Technologies N4230A Datasheet HTML 10Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
06 | Keysight | U4431A MIPI M-PHY Protocol Analyzer - Data Sheet
Electrical
Minimum Vdiff
100 mV
Input impedance (DC)
– U4433A probe + N5246A ZIF tips
700 Ω, typical
– U4432A SMA harness
128 Ω, typical
Topological
Lane width
Up to 4 with option 414. Analyze 1, 2, 3, or 4-lane systems
Clocking architecture
Type I
Analysis direction
Processor-peripheral or peripheral-processor (Both directions with option 612)
Lane remapping
User-selectable
Lane polarity
User-selectable
Multiple blade support
Up to 5 time-correlated blades in one frame (configured as up to 3 separate busses), multiple
frames can be correlated
Performance
HS Modes supported
G1 to G3
PWM Modes supported
G0 to G7 (subject to limitations of individual protocol)
Rate Series supported (HS and PWM)
A and B
Symbol lock time (subject to protocol spec limit)
– HS-G1
1 symbol, typical
– HS-G2, HS-G3
< 128 symbols
Auto speed detection and tracking
Supported (with no RSE-PO-TX support)
Memory
User allocated (shared among analyzer and raw mode)
Standard
1 GB
Option M04
4 GB
Option M16
16 GB
Data views
Protocol version support
– UniPro
Unified Protocol (UniPro) 1.60
– UFS
Universal Flash Storage (UFS) 2.0 (JESD220B)
– Physical Layer
M-PHY 3.0
– CSI-3
Camera Serial Interface 3, 1.1
– SSIC
Super Speed Inter-Chip(Inter-Chip Supplement to the USB Revision 3.0 Specification)
– M-PCIe
ECR to PCIe® Specification 3.0, May 2013
– Protocol views
Packets, header, lanes, payload, and traffic overview
– Packet hierarchy views
Data, Link, Network, Transport, Protocol
– Protocol details
Speed, CRC, direction, errors
Wavefom view
Yes, raw 8 b and 10 b data
Listing data view
Yes
Correlation markers
> 1,000 user-defined
Marker measurements
Yes, user-defined time and count measurements
Window correlation lock
Yes, user-defined
Triggering
Trigger on protocol commands
Yes, with > 50 macros
Simple trigger
Drag and drop
Advanced trigger
– Sequence levels
Up to 8
– Logical branching
N-way
– Advanced trigger events
Timer, counter with timeout, flags, AND/OR
Protocol triggers
– Trigger on protocol patterns
Yes
– Protocol pattern customization
Yes, with bit-level editing
– Payload pattern matcher
Up to 8 4-byte patterns
– Transmission type (HS/PWM)
Yes
– Specific transmission speed
Yes
– Link state
Yes
U4431A – Performance Characteristics


Similar Part No. - N4230A

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N420-03M TRIPPLITE-N420-03M Datasheet
162Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable ( SC / Mode Conditioning to ST ), 3M (10-ft.)
N42003M TRIPPLITE-N42003M Datasheet
481Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST-SC),3M (10-ft.)
N422-01M TRIPPLITE-N422-01M Datasheet
168Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST/LC), 1M (3-ft.)
N422-02M TRIPPLITE-N422-02M Datasheet
166Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST/LC), 2M (6-ft.)
N422-03M TRIPPLITE-N422-03M Datasheet
167Kb / 2P
   Fiber Optic Mode Conditioning Patch Cable (ST/LC), 3M (10-ft.)
More results

Similar Description - N4230A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U4431A KEYSIGHT-U4431A Datasheet
3Mb / 10P
   MIPI M-PHY Protocol Analyzer
N8802B KEYSIGHT-N8802B Datasheet
5Mb / 8P
   MIPI D-PHY Multilane Protocol
N8802A KEYSIGHT-N8802A Datasheet
5Mb / 8P
   MIPI D-PHY Multilane Protocol
U4421A KEYSIGHT-U4421A Datasheet
1Mb / 15P
   U4421A MIPI짰 D-PHY??Protocol Exerciser/Analyzer
U7249D KEYSIGHT-U7249D Datasheet
3Mb / 11P
   U7249C and U7249D MIPI M-PHY
U7238C KEYSIGHT-U7238C Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
logo
List of Unclassifed Man...
USB480 ETC-USB480 Datasheet
561Kb / 2P
   USB 480 Power Protocol Analyzer
logo
Keysight Technologies
U7238D KEYSIGHT-U7238D Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
logo
Diodes Incorporated
PI2MEQX2505 DIODES-PI2MEQX2505 Datasheet
1Mb / 17P
   MIPI CSI-2/DSI D-PHY ReDriver
Rev 2 - 2 February 2022
logo
List of Unclassifed Man...
TLA7SA00 ETC2-TLA7SA00 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com