Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9703B Datasheet(PDF) 6 Page - Keysight Technologies

Part # M9703B
Description  AXIe High-Speed Digitizer/ Wideband Digital Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9703B Datasheet(HTML) 6 Page - Keysight Technologies

Back Button M9703B Datasheet HTML 2Page - Keysight Technologies M9703B Datasheet HTML 3Page - Keysight Technologies M9703B Datasheet HTML 4Page - Keysight Technologies M9703B Datasheet HTML 5Page - Keysight Technologies M9703B Datasheet HTML 6Page - Keysight Technologies M9703B Datasheet HTML 7Page - Keysight Technologies M9703B Datasheet HTML 8Page - Keysight Technologies M9703B Datasheet HTML 9Page - Keysight Technologies M9703B Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
06 | Keysight | M9703B AXIe High-Speed Digitizer/Wideband Digital Receiver - Data Sheet
Software Platform
I/O Libraries
Keysight IO Libraries Suite offers fast and easy access to the
M9703B digitizer using a standardized interface and ensuring
compatibility and upgradability of the software applications.
The Keysight IO Libraries Suite helps you by displaying ALL of the
modules in your system. From here you can view information about
the installed software or launch the modules’ soft front panel
directly from Keysight Connection Expert (KCE).
In addition, KCE offers an easy way to find the correct driver for
your instrument.
Drivers
The module comes with the IviDigitizer class compliant Keysight
MD2 IVI-COM and IVI-C drivers that work in the most popular
development environments including Visual C/C++, C#, VB.NET,
MATLAB, and LabVIEW. Linux is also supported using the IVI-C
driver.
Easy software integration
To help you get started and complete complex tasks quickly, the
M9703B digitizer is supplied with a comprehensive portfolio of
module drivers, documentation, examples, and software tools
to help you quickly develop test systems with your software
platform of choice.
Compliance
The M9703B is compliant with AXIe® and AdvancedTCA (ATCA)
formats. Designed to benefit from fast data interfaces, the
product can be integrated into AXIe or ATCA chassis slots.
Based on ATCA, the AXIe standard implements extensions for
instrumentation and test, and uses clever techniques to add
powerful timing features.
Software applications
In addition, the M9703B includes the Keysight MD2 soft front
panel (SFP) graphical interface. This software application can
be used to control, verify the functionality and explore the
capabilities of the Keysight modular high-speed digitizers. We
highly recommend to use the new MD2 driver but it is possible to
order the M9703A with the MD1 driver for backward compatibility
in an existing system. Alternatively, the existing system can be
upgraded.
The M9703B is compatible with AcqirisMAQS software,
which provides easy control and monitoring of advanced data
acquisition systems with many channels, and is ideal for single-
shot/event applications.
For advanced measurement analysis, the M9703B AXIe wideband
digital receiver/digitizer can be combined with Keysight’s 89600
Vector Signal Analysis software, the industry’s standard for signal
analysis and demodulation. Thanks to the high data throughput
(1.4 GB/s) of its PCIe backplane bus, the M9703B allows a much
faster connection to the 89600 VSA software, compared to
traditional instruments.
The M9703B digitizer is also supported by Keysight SystemVue
electronic design automation (EDA) environment software. The
SystemVue EDA software includes rich processing libraries,
enabling system architects and algorithm developers in wireless
and aerospace/defense communications to innovate. When
coupling the M9703B wideband digital receiver with SystemVue
W1462BP FPGA Architect, designers have at their disposal an
open FPGA development environment for custom on-board
processing. This solution allows a complete, integrated design-
to-test flow, dramatically cutting design to prototyping time and
verification effort.
The M9703B digitizer is also supported by Keysight U5340A
FPGA Development Kit. The FPGA Development Kit is a complete
environment for the design, verification and implementation
of real-time, user-defined signal-processing algorithms. This
software bundle is intended to eliminate all prerequisite design
tool flow configuration, effectively reducing up-front investment
and minimizing risks.
The FPGA Development Kit combines capabilities to:
– Achieve multi GS/s real-time processing on a full digitizer
framework by leveraging the full density and speed of the
FPGA.
– Shorten your time-to-market with turn-key, easy-to-use
development flow and debug.
Figure 3. MD2 software front panel (SFP) interface.


Similar Part No. - M9703B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9703A KEYSIGHT-M9703A Datasheet
1Mb / 16P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
More results

Similar Description - M9703B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9703A KEYSIGHT-M9703A Datasheet
1Mb / 16P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
M9203A KEYSIGHT-M9203A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer/ Wideband Digital Receiver
logo
Aeroflex Circuit Techno...
3030A AEROFLEX-3030A Datasheet
231Kb / 8P
   Wideband RF Digitizer
logo
Keysight Technologies
M9203A KEYSIGHT-M9203A_18 Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9202A KEYSIGHT-M9202A Datasheet
1Mb / 10P
   PXI-Express Wideband IF Digitizer
logo
Linear Technology
LTM9013 LINER-LTM9013_15 Datasheet
960Kb / 38P
   300MHz Wideband Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com