Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C1025 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C1025
Description  5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1025 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C1025 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1025 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
®
AS7C1025
AS7C31025
3/23/01; v.1.0
Alliance Semiconductor
P. 3 of 9
Recommended operating conditions
VIL min = –3.0V for pulse width less than tRC/2.
DC operating characteristics (over the operating range)1
Shaded areas contain advance information.
Capacitance (f = 1 MHz, Ta = 25
oC, V
CC = NOMINAL)
2
Parameter
Device
Symbol
Min
Nominal
Max
Unit
Supply voltage
AS7C1025
VCC
4.5
5.0
5.5
V
AS7C31025
VCC
3.0
3.3
3.6
V
Input voltage
AS7C1025
VIH
2.2
VCC + 0.5
V
AS7C31025
VIH
2.0
VCC + 0.5
V
VIL
–0.5
0.8
V
Ambient operating temperature
commercial
TA
0–
70
oC
industrial
TA
–40
85
oC
Parameter
Sym
Test conditions
Device
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
Input leakage
current
| I
LI |
VCC = Max, VIN = GND to VCC
–1–1–
1
µA
Output
leakage
current
| I
LO |
VCC = Max, CE = VIH, Vout =
GND to VCC
–1–1–
1
µA
Operating
power supply
current
ICC CE = VIL, f = fMax, IOUT = 0 mA
AS7C1025
130
120
110
mA
AS7C31025
100
85
80
Standby
power supply
current
1
ISB
CE = VIH, f = fMax, fOUT = 0
AS7C1025
50
40
40
mA
AS7C31025
50
40
40
ISB1
CE
≥ V
CC–0.2V, VIN ≤ 0.2V or
VIN ≥ VCC –0.2V, f = 0, fOUT = 0
AS7C1025
5
5
5
mA
AS7C31025
5
5
5
Output
voltage
VOL
IOL = 8 mA, VCC = Min
0.4
0.4
0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4
–2.4
–2.4
V
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE
VIN = 0V
5
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
7
pF


Similar Part No. - AS7C1025

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C1025A-10JC ALSC-AS7C1025A-10JC Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C1025A-10JI ALSC-AS7C1025A-10JI Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C1025A-10TC ALSC-AS7C1025A-10TC Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C1025A-10TI ALSC-AS7C1025A-10TI Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results

Similar Description - AS7C1025

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
logo
STMicroelectronics
M68AF127B STMICROELECTRONICS-M68AF127B Datasheet
373Kb / 23P
   1Mbit 128K x8, 5V Asynchronous SRAM
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com