Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9203A Datasheet(PDF) 5 Page - Keysight Technologies

Part # M9203A
Description  PXIe High-Speed Digitizer/ Wideband Digital Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9203A Datasheet(HTML) 5 Page - Keysight Technologies

  M9203A Datasheet HTML 1Page - Keysight Technologies M9203A Datasheet HTML 2Page - Keysight Technologies M9203A Datasheet HTML 3Page - Keysight Technologies M9203A Datasheet HTML 4Page - Keysight Technologies M9203A Datasheet HTML 5Page - Keysight Technologies M9203A Datasheet HTML 6Page - Keysight Technologies M9203A Datasheet HTML 7Page - Keysight Technologies M9203A Datasheet HTML 8Page - Keysight Technologies M9203A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
05 | Keysight | M9203A PXIe High-Speed Digitizer/Wideband Digital Receiver - Data Sheet
Firmware Options
The M9203A PXIe High-Speed Digitizer/Wideband Digital
Receiver provides several firmware options:
– DGT: Digitizer firmware
– INT: Interleaved channel sampling functionality
– FDK1: Custom firmware capablility
– TSR2: Triggered simultaneous acquisition and readout
– DDC: Wideband real-time digital down-conversion
Easy firmware switch
A simple call to the configuration function will enable to switch to
the required option.
DGT digitizer firmware
The digitizer firmware:
– Allows standard data acquisition, including: digitizer
initialization, setting of the acquisition and clocking modes,
management of channel triggering for best synchronization,
storing data in the internal memory and/or transferring them
through the backplane bus.
– Implements multi-record acquisition functionality.
– Supports fixed internal clocking frequency with internal or
external reference, and variable frequency external clock.
– Offers programmable binary decimation to lower the sample
rate by a factor of 2n where n is defined in the range 1 to 10
for single record.
e.g. you can select from 1.6 GS/s down to 1.5625 MS/s.
– Trigger time interpolator (TTI): high precision integrated time
to digital converter can be used to increase time measure-
ment accuracy.
INT interleaved channel sampling functionality
This interleave option allows two channels to be combined and to
reach 3.2 GS/s in one channel acquisition mode.
FDK custom firmware capability
This option enables loading4 custom firmware created with the
U5340A FPGA development kit5.
1. A calibration digitizer function is available with each firmware.
2. Only available with DGT option.
3. Please contact Keysight to find out the repetition rate that can be
achieved in your application.
4. On the Virtex-6 LX195T DPU FPGA.
5. There are 11 W maximum power dedicated to FPGA processing, the
custom firmware design must fit within this power provision.
The triggered simultaneous acquisition and readout architecture
allows to continuously acquire new records while reading previ-
ous ones.
TSR solution is dedicated to applications requiring no trigger loss,
achieving longer recording time when compares with standard
digitizer (-DGT).
TSR option main features:
– High trigger rate with guaranteed no lost trigger for specific
configuration3.
– Easy to use solution, implementing an optimal and
automated control of memory addressing.
– Selecting larger memory size option allows longer record
size and provides larger buffer for data transfer to host PC,
especially useful for applications with non-periodic trigger or
very high trigger rate during a limited period.
DDC real-time digital down-conversion
The real-time digital down-conversion option (-DDC), in addition
to the basic digitizer functionality, implements a real-time digital
decimation and filtering on the digitized data, allowing the user
to tune and zoom on the signals of interest. This exclusive IP
algorithm provides very powerful and flexible digital down-
conversion on 2 channels. The filters and local oscillators (LO) are
synchronized to maintain constant phase and timing relationships
allowing phase-coherent post processing.
The DDC provides three main functions:
– Frequency shifting (tune): Independently shifting each chan-
nels IF signal into baseband, allows the analysis bandwidth
to be set around the signal of interest.
– Data reduction (zoom): Reducing the bandwidth and sample
rate to match the analyzed signal decreases the amount of
data that needs to be transferred for a given capture dura-
tion, in turn accelerating post-processing operations.
– Magnitude trigger: Setting the magnitude level that the
down converted signal needs to achieve at a specified
frequency and bandwidth to generate a digital trigger on all
channels.
These functions allow isolation of the signal of interest from
other signals in a crowded spectrum, improved dynamic range
as the integrated noise is reduced, and increased SNR and
effective number of bits (ENOB). The resulting advantage for your
application is a reduced test time, while improving overall test
efficiency.
TSR triggered simultaneous acquisition and readout


Similar Part No. - M9203A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9203A KEYSIGHT-M9203A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9203A KEYSIGHT-M9203A Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9203A-BB1 KEYSIGHT-M9203A-BB1 Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9203A-CB0 KEYSIGHT-M9203A-CB0 Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9203A-CB2 KEYSIGHT-M9203A-CB2 Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
More results

Similar Description - M9203A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9703A KEYSIGHT-M9703A Datasheet
1Mb / 16P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
M9703B KEYSIGHT-M9703B Datasheet
3Mb / 20P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
M9203A KEYSIGHT-M9203A_18 Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
logo
Aeroflex Circuit Techno...
3030A AEROFLEX-3030A Datasheet
231Kb / 8P
   Wideband RF Digitizer
logo
Keysight Technologies
M9217A KEYSIGHT-M9217A Datasheet
843Kb / 8P
   PXIe Single-Slot 2-Channel Isolated Digitizer
M9217A KEYSIGHT-M9217A_17 Datasheet
1Mb / 8P
   PXIe Single-Slot 2-Channel Isolated Digitizer
M9202A KEYSIGHT-M9202A Datasheet
1Mb / 10P
   PXI-Express Wideband IF Digitizer
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
M9111A KEYSIGHT-M9111A_18 Datasheet
1Mb / 11P
   M9111A PXIe High-Speed Source/Measure Unit
logo
Linear Technology
LTM9013 LINER-LTM9013_15 Datasheet
960Kb / 38P
   300MHz Wideband Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com