Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2-2409D10A3M Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RS2-2409D10A3M
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS2-2409D10A3M Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RS2-2409D10A3M Datasheet HTML 1Page - RSG Electronic Components GmbH RS2-2409D10A3M Datasheet HTML 2Page - RSG Electronic Components GmbH RS2-2409D10A3M Datasheet HTML 3Page - RSG Electronic Components GmbH RS2-2409D10A3M Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (4)
Output Ripple & Noise Measurement Test
The Scope measurement bandwidth is 0-20MHz.
EMI Filter
Input filter components (C1, L,C2,C3) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
Load
C3
C1
L
C2
C3
RS2-05XXS/D10AXM
1210, 2.2uF/100V
18uH
RS2-12XXS/D10AXM
1210, 2.2uF/100V
18uH
RS2-15XXS/D10AXM
1210, 2.2uF/100V
18uH
RS2-24XXS/D10AXM
1210, 2.2uF/100V
18uH 1210, 2.2uF/100V
1206, 470pF/2KV
RS2-48XXS/D10AXM
1210, 2.2uF/100V
18uH 1210, 2.2uF/100V
1206, 470pF/2KV
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
L
Load
C1
C2
+Vout
DC/DC
Converter
-Vout
Scope
1. Ripple/Noise measured with 20MHz bandwidth.
2. Tested by minimal Vin and constant resistive full load.
3. Input filter components (C1, L,C2, C3) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
4. An external filter capacitor is required if the module has to meet IEC61000-4-4
The filter capacitor RSG suggest: Nippon chemi-con KY series, 220uF/100V.
5. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
6. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
Output Ripple & Noise Measurement Test
The Scope measurement bandwidth is 0-20MHz.
EMI Filter
Input filter components (C1, L,C2,C3) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
Load
C3
C1
L
C2
C3
RS2-05XXS/D10AXM
1210, 2.2uF/100V
18uH
RS2-12XXS/D10AXM
1210, 2.2uF/100V
18uH
RS2-15XXS/D10AXM
1210, 2.2uF/100V
18uH
RS2-24XXS/D10AXM
1210, 2.2uF/100V
18uH 1210, 2.2uF/100V
1206, 470pF/2KV
RS2-48XXS/D10AXM
1210, 2.2uF/100V
18uH 1210, 2.2uF/100V
1206, 470pF/2KV
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
L
Load
C1
C2
+Vout
DC/DC
Converter
-Vout
Scope
1. Ripple/Noise measured with 20MHz bandwidth.
2. Tested by minimal Vin and constant resistive full load.
3. Input filter components (C1, L,C2, C3) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
4. An external filter capacitor is required if the module has to meet IEC61000-4-4
The filter capacitor RSG suggest: Nippon chemi-con KY series, 220uF/100V.
5. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
6. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
DC/DC-Converter
1.0W semi-regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
Output Ripple & Noise Measurement Test
The Scope measurement bandwidth is 0-20MHz.
EMI Filter
Input filter components (C1, L,C2,C3) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
Load
C3
C1
L
C2
C3
RS2-05XXS/D10AXM
1210, 2.2uF/100V
18uH
RS2-12XXS/D10AXM
1210, 2.2uF/100V
18uH
RS2-15XXS/D10AXM
1210, 2.2uF/100V
18uH
RS2-24XXS/D10AXM
1210, 2.2uF/100V
18uH 1210, 2.2uF/100V
1206, 470pF/2KV
RS2-48XXS/D10AXM
1210, 2.2uF/100V
18uH 1210, 2.2uF/100V
1206, 470pF/2KV
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
L
Load
C1
C2
+Vout
DC/DC
Converter
-Vout
Scope
1. Ripple/Noise measured with 20MHz bandwidth.
2. Tested by minimal Vin and constant resistive full load.
3. Input filter components (C1, L,C2, C3) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
4. An external filter capacitor is required if the module has to meet IEC61000-4-4
The filter capacitor RSG suggest: Nippon chemi-con KY series, 220uF/100V.
5. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
6. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
Output Ripple & Noise Measurement Test
The Scope measurement bandwidth is 0-20MHz.
EMI Filter
Input filter components (C1, L,C2,C3) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
Load
C3
C1
L
C2
C3
RS2-05XXS/D10AXM
1210, 2.2uF/100V
18uH
RS2-12XXS/D10AXM
1210, 2.2uF/100V
18uH
RS2-15XXS/D10AXM
1210, 2.2uF/100V
18uH
RS2-24XXS/D10AXM
1210, 2.2uF/100V
18uH 1210, 2.2uF/100V
1206, 470pF/2KV
RS2-48XXS/D10AXM
1210, 2.2uF/100V
18uH 1210, 2.2uF/100V
1206, 470pF/2KV
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
L
Load
C1
C2
+Vout
DC/DC
Converter
-Vout
Scope
1. Ripple/Noise measured with 20MHz bandwidth.
2. Tested by minimal Vin and constant resistive full load.
3. Input filter components (C1, L,C2, C3) are used to help meet conducted emissions requirement for the module.
These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise.
4. An external filter capacitor is required if the module has to meet IEC61000-4-4
The filter capacitor RSG suggest: Nippon chemi-con KY series, 220uF/100V.
5. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
6. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.


Similar Part No. - RS2-2409D10A3M

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS2-2409D10A3 RSG-RS2-2409D10A3 Datasheet
1Mb / 8P
   DC/DC-Converter
More results

Similar Description - RS2-2409D10A3M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com