Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9182A Datasheet(PDF) 6 Page - Keysight Technologies

Part # M9182A
Description  PXI Digital Multimeters 6쩍 Digit, High Performance
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9182A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button M9182A Datasheet HTML 2Page - Keysight Technologies M9182A Datasheet HTML 3Page - Keysight Technologies M9182A Datasheet HTML 4Page - Keysight Technologies M9182A Datasheet HTML 5Page - Keysight Technologies M9182A Datasheet HTML 6Page - Keysight Technologies M9182A Datasheet HTML 7Page - Keysight Technologies M9182A Datasheet HTML 8Page - Keysight Technologies M9182A Datasheet HTML 9Page - Keysight Technologies M9182A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
M9182A and M9183A: Accuracy specifications ±(% of reading + % of range)1,2
Function
Range
Full scale reading or
resolution
24 hour
23 °C ± 1 °C
90 day
23 °C ± 5 °C
1 year
23 °C ± 5 °C
Single shot
duty cycle11
[M9183A only]
2 - 100 Hz
100 Hz - 1 kHz
1 - 10 kHz
0.02 %
0.20 %
2.00 %
0.03 ± 0.03
0.03 ± 0.30
0.03 ± 3.00
0.03 ± 0.03
0.03 ± 0.30
0.03 ± 3.00
0.03 ± 0.03
0.03 ± 0.30
0.03 ± 3.00
Single shot
pulse width12, 14
[M9183A only]
14 μs - 62.5 ms
1 µs
.01 ± 4 µs
01 ± 4 µs
01 ± 4 µs
Capacitance13
[M9183A and
M9182A]
1000.0 pF
10.000 nF
100.00 nF
1.0000 µF
10.000 µF
100.00 µF
1.0000 mF
10.000 mF
1199.9 pF
11.999 nF
119.99 nF
1.1999 µF
11.999 µF
119.99 µF
1.1999 mF
11.999 mF
1.00 + 0.10
1.20 + 0.05
1.00 + 0.10
1.00 + 0.10
1.00 + 0.10
1.00 + 0.10
1.20 + 0.10
2.00 + 0.10
1.00 + 0.10
1.20 + 0.05
1.00 + 0.10
1.00 + 0.10
1.00 + 0.10
1.00 + 0.10
1.20 + 0.10
2.00 + 0.10
1.00 + 0.10
1.20 + 0.05
1.00 + 0.10
1.00 + 0.10
1.00 + 0.10
1.00 + 0.10
1.20 + 0.10
2.00 + 0.10
1. Specifications are for 1 hour warm up, within 1 hour self-cal, aperture ≥ 0.5 sec. Slow AC filter for AC measurements only.
2. For temperatures outside the range of 23 °C ± 5 °C, but within 0 °C to 50 °C, add 0.1 × accuracy specification per °C.
3. 20% over range on all ranges except 300 V range, 10% over range for 300 V range.
4. Minimum input specified: 5 mV or 1% of range, whichever is larger.
5. Signal is limited to 8x106 Volt Hz product. For example, at 32 kHz, the highest input is 250 V.
6. For inputs from 5 mV to 15 mV, add 100 µV to the specification.
7. Specifications are for 4-wire resistance measurements, for 2-wire, add 1 mΩ additional error to the specification; for offset compensated
ohms (M9183A only), add 0.02% of range.
8. Minimum input specified: 60 µA or 1.5% of range, whichever is larger; for inputs < 5% of full scale, add 0.02% of range.
9. For inputs from 60 to 120 µA, add 10 µA to the specification; for inputs < 5% of full scale, add 0.1% of range.
10. Minimum amplitude greater of: 100 mV, or 5 % of range for 1 Hz to 2.5 kHz, or 25 % of range for 2.5 kHz to 200 kHz , or 40% of range for
200 kHz to 300 kHz..
11. Specifications are % of reading (0.03) ± adder.
12. Specifications are % of reading + time.
13. Specifications apply to input signals ≥ 5% of range.
14. Maximum wait time for duty cycle and period is 5 seconds.
Definitions for Specifications
Specification (spec): Represents warranted performance of a calibrated instrument that
has been stored for a minimum of two hours within the operating temperature range of
0 to 50 °C, unless otherwise stated, and after a one hour warm-up period. The specifications
include measurement uncertainty. Data represented in this document are specifications
unless otherwise noted.
Typical (typ): Represents characteristic performance, which 80% of the instruments manu-
factured will meet. This data is not warranted, does not include measurement uncertainty,
and is valid only at room temperature (approximately 25 °C).
Nominal (nom): The expected mean or average performance, or an attribute whose perfor-
mance is by design, such as the 50 Ω connector. This data is not warranted and is measured
at room temperature (approximately 25 °C).
Measured (meas): An attribute measured during the design phase for purposes of commu-
nicating expected performance, such as amplitude drift vs. time. This data is not warranted
and is measured at room temperature (approximately 25 °C).
Note: All graphs contain measured data from several units at room temperature unless
otherwise noted.
Technical Specifications and Characteristics (continued)
06 | Keysight | PXI Digital Multimeters, 6½ Digit, High Performance (M9182A, M9183A) - Data Sheet


Similar Part No. - M9182A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9181A KEYSIGHT-M9181A Datasheet
251Kb / 8P
   M9181A PXI Digital Multimeter
M9183A KEYSIGHT-M9183A Datasheet
1Mb / 14P
   PXI Digital Multimeters 6쩍 Digit, High Performance
M9185A KEYSIGHT-M9185A Datasheet
259Kb / 8P
   PXI Isolated D/A Converter
M9186A KEYSIGHT-M9186A Datasheet
453Kb / 8P
   16-bit, 16 V at 200 mA 100 V at 20 mA
M9186A KEYSIGHT-M9186A Datasheet
1Mb / 8P
   PXI Voltage/Current Source
More results

Similar Description - M9182A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9183A KEYSIGHT-M9183A Datasheet
1Mb / 14P
   PXI Digital Multimeters 6쩍 Digit, High Performance
logo
TEKTRONIX, INC.
2100 TEKTRONIX-2100 Datasheet
344Kb / 4P
   6쩍-Digit USB Digital Multimeter
DMM6500 TEKTRONIX-DMM6500 Datasheet
1Mb / 24P
   DMM6500 6쩍-Digit Bench/System Digital Multimeter
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
logo
National Instruments Co...
NI4050 NI-NI4050 Datasheet
110Kb / 4P
   51?? Digit Multimeters
logo
Keysight Technologies
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com